전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1090EC 데이터시트(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1090EC
상세설명  SAW Filter 1090 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1090EC 데이터시트(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1090EC Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1090EC Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1090EC Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1090EC Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1090EC Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1090EC Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
E. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
F.OUTLINE DRAWING:


유사한 부품 번호 - TA1090EC

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1090EC GOLLEDGE-TA1090EC Datasheet
258Kb / 6P
   1090MHz SAW Filter
More results

유사한 설명 - TA1090EC

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0970A TAI-SAW-TA0970A Datasheet
514Kb / 7P
   SAW Filter 1090 MHz
logo
TriQuint Semiconductor
857215 TRIQUINT-857215_15 Datasheet
544Kb / 6P
   1090 MHz SAW filter
856096 TRIQUINT-856096 Datasheet
535Kb / 5P
   1090 MHz SAW Filter
857179 TRIQUINT-857179_15 Datasheet
889Kb / 6P
   1090 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2003A TAI-SAW-TA2003A Datasheet
284Kb / 7P
   SAW Filter 1090 MHz
TA0970B TAI-SAW-TA0970B Datasheet
372Kb / 7P
   SAW Filter 1090 MHz
logo
API Technologies Corp
MN95016 APITECH-MN95016 Datasheet
78Kb / 3P
   1090 MHz SAW Filter 12 MHz Bandwidth
logo
TriQuint Semiconductor
856096 TRIQUINT-856096_15 Datasheet
523Kb / 6P
   1090 MHz Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0514A TAI-SAW-TC0514A Datasheet
408Kb / 6P
   SAW Resonator 1090 MHz
TC0514B TAI-SAW-TC0514B Datasheet
257Kb / 7P
   SAW Resonator 1090 MHz
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com