전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1376A 데이터시트(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1376A
상세설명  SAW Filter 403.5 MHz BW1.6MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1376A 데이터시트(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1376A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1376A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1376A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1376A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1376A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1376A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1376A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
L1=150nH
E.OUTLINE DRAWING:
* All tolerance are ±0.10um
Pin 4: RF input
Pin 1, 6: RF balanced output
Pin 5, 2, 3: Ground
□ : Week Code (Follow the table from planner each year)
Unit
: mm
△ : Product / Year Code
Year
2013
2009
2014
2010
2015
2011
2016
2012
Product Code
A
a
A
a


유사한 부품 번호 - TA1376A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1376A GOLLEDGE-TA1376A Datasheet
252Kb / 6P
   SAW Filter 403.50MHz
More results

유사한 설명 - TA1376A

제조업체부품명데이터시트상세설명
logo
RF Monolithics, Inc
RF3607D RFM-RF3607D Datasheet
507Kb / 10P
   403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1774A TAI-SAW-TA1774A Datasheet
688Kb / 8P
   SAW Filter 403.5 MHz
logo
RF Monolithics, Inc
RF1419D RFM-RF1419D Datasheet
80Kb / 3P
   403.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1419D MURATA-RF1419D Datasheet
73Kb / 3P
   403.5 MHz SAW Filter
logo
TriQuint Semiconductor
856990 TRIQUINT-856990_15 Datasheet
636Kb / 6P
   403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1135B TAI-SAW-TA1135B Datasheet
245Kb / 6P
   SAW Filter 403.5 MHz
TA1940A TAI-SAW-TA1940A Datasheet
471Kb / 7P
   SAW Filter 403.5 MHz
TA1994A TAI-SAW-TA1994A Datasheet
330Kb / 6P
   SAW Filter 403.5 MHz
logo
Murata Manufacturing Co...
RF3607D MURATA-RF3607D Datasheet
507Kb / 10P
   403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0997A TAI-SAW-TA0997A Datasheet
384Kb / 8P
   SAW Filter 403.5 MHz
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com