전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSF20H100C 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TSF20H100C
상세설명  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF20H100C 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSF20H100C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF20H100C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF20H100C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF20H100C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF20H100C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: DS_D1411024
Version: I14
(TA=25
oC unless otherwise noted)
ORDERING INFORMATION
PART NO.
Note 1: "xxx" defines voltage from 100V (TSF20H100C) to 200V (TSF20H200C)
EXAMPLE
TSF20HXXXC
(Note 1)
TSF20H120C C0G
TSF20H120C
G
PART NO.
TSF20H100C thru TSF20H200C
Taiwan Semiconductor
PACKING CODE
SUFFIX
PACKAGE
50 / Tube
DESCRIPTION
G
PACKING CODE
SUFFIX
PACKING CODE
C0
PACKING CODE
C0
RATINGS AND CHARACTERISTICS CURVES
ITO-220AB
PACKING
PREFERRED
PART NO.
Green compound
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TJ=25°C
TJ=125°C
TJ=150°C
TJ=100°C
TSF20H100C
0
5
10
15
20
25
30
0
25
50
75
100
125
150
FIG. 1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
CASE TEMPERATURE (oC)
FORWARD VOLTAGE (V)
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TSF20H120C
TJ=25°C
TJ=125°C
TJ=150°C
TJ=100°C
FORWARD VOLTAGE (V)
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE (V)
TSF20H150C
TJ=25°C
TJ=125°C
TJ=150°C
TJ=100°C


유사한 부품 번호 - TSF20H100C

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSF20H100C TSC-TSF20H100C Datasheet
212Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSF20H100C-S TSC-TSF20H100C-S Datasheet
243Kb / 5P
   Trench Schottky Rectifier
More results

유사한 설명 - TSF20H100C

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com