전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSF30H120C 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TSF30H120C
상세설명  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF30H120C 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSF30H120C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF30H120C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF30H120C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF30H120C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF30H120C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: DS_D1411039
Version: G14
TSF30H100C thru TSF30H200C
Taiwan Semiconductor
10
100
1000
10000
0.1
1
10
100
f=1.0MHz
Vsig=50mVp-p
TSF30H200C
TSF30H150C
TSF30H100C
TSF30H120C
FIG. 10 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF30H200C
FIG. 9 TYPICAL REVERSE CHARACTERISTICS
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90 100
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF30H150C
FIG. 8 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF30H120C
FIG. 7 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90 100
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF30H100C
FIG. 6 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
TJ=150°C
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
TSF30H200C
FIG. 5 TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE (V)
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C


유사한 부품 번호 - TSF30H120C

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSF30H120C TSC-TSF30H120C Datasheet
181Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results

유사한 설명 - TSF30H120C

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com