전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1387A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1387A
상세설명  SAW Filter 1330MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1387A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1387A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1387A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1387A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1387A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1387A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1387A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1387A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1330MHz
MODEL NO.:TA1387A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -50°C to +85°C
4. Storage Temperature: -50°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency, Fc
MHz
-
1330
-
Insertion loss, IL (1290~1370 MHz)
dB
-
5.4
7
Amplitude ripple (1290~1370 MHz)
dB
-
1
2.3
VSWR (1290~1370 MHz)
-
1.7
2.5
Attenuation (reference from 0dB)
10 ~ 1200
MHz
dB
40
44
-
1450 ~ 3000 MHz
dB
33
37
-
3000 ~ 4000 MHz
dB
22
26
-
4000 ~ 5000 MHz
dB
12
10
-
5000 ~ 6000 MHz
dB
6
5
-
Source impedance
ZS
-
50
-
Load impedance
ZL
-
50
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device (ESD)


유사한 부품 번호 - TA1387A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1387A GOLLEDGE-TA1387A Datasheet
155Kb / 6P
   SAW Filter 1330.0MHz
More results

유사한 설명 - TA1387A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
MA09943 GOLLEDGE-MA09943 Datasheet
134Kb / 5P
   SAW Filter 1330MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0566A TAI-SAW-TA0566A Datasheet
303Kb / 6P
   SAW Filter 1330MHz SMD 3.0횞3.0mm
TA0375A TAI-SAW-TA0375A Datasheet
273Kb / 6P
   SAW Filter 1330MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com