전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1423A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1423A
상세설명  SAW Filter 915MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1423A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1423A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1423A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1423A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1423A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1423A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1423A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1423A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1423A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 915MHz
MODEL NO.:TA1423A
REV. NO.:3
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
Electrostatic Sensitive Device (ESD)
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance
:
ZL = 50 Ω
Item
Unit
Min.
Typ.
Max. Note
Center Frequency
Fc
MHz
-
915
-
-
Insertion Loss (902~928 MHz)
IL
dB
-
1.9
2.5
-
Amplitude ripple (902~928 MHz)
dB
-
0.8
1.5
-
VSWR (902~928 MHz)
-
1.6
2
-
Group Delay Deviation (902~928 MHz)
ns
-
11
50
-
Attenuation (reference level from 0 dB)
10~800
MHz
dB
42
46
-
-
800~845
MHz
dB
40
44
-
-
845~880
MHz
dB
35
38
-
-
947~970
MHz
dB
13
28
-
-
970~1020
MHz
dB
33
47
-
-
1020~1200
MHz
dB
35
43
-
-
1200~3000
MHz
dB
28
34
-
-
Temperature Coefficient of Frequency
ppm/℃
-
-36
-
-
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TA1423A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1423A TAI-SAW-TA1423A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1423A GOLLEDGE-TA1423A Datasheet
230Kb / 6P
   SAW Filter 915.0MHz
More results

유사한 설명 - TA1423A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
MP01408 GOLLEDGE-MP01408 Datasheet
300Kb / 5P
   SAW Filter 915MHz
MP02291 GOLLEDGE-MP02291 Datasheet
109Kb / 6P
   SAW Filter 915MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1423B TAI-SAW-TA1423B Datasheet
282Kb / 8P
   SAW Filter 915MHz
TA1102A TAI-SAW-TA1102A Datasheet
383Kb / 9P
   SAW Filter 915MHz
TA1460A TAI-SAW-TA1460A Datasheet
360Kb / 6P
   SAW Filter 915MHz
logo
Golledge Electronics Lt...
MA04499 GOLLEDGE-MA04499 Datasheet
535Kb / 5P
   SAW Filter 915MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0829B TAI-SAW-TA0829B Datasheet
377Kb / 8P
   SAW Filter 915MHz
TA1102B TAI-SAW-TA1102B Datasheet
374Kb / 9P
   SAW Filter 915MHz
TA0521A TAI-SAW-TA0521A Datasheet
1Mb / 6P
   SAW Filter 915MHz SMD 3.8횞3.8mm
TA0495A TAI-SAW-TA0495A Datasheet
247Kb / 7P
   SAW Filter 915MHz SMD 3.0횞3.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com