전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1473A 데이터시트(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1473A
상세설명  SAW Filter 433 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1473A 데이터시트(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1473A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1473A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1473A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1473A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1473A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1473A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1473A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
H. RECOMMENDED REFLOW PROFILE :
1. Preheating shall be fixed at 150~180℃ for 60~90 seconds.
2. Ascending time to preheating temperature 150℃ shall be 30 seconds min.
3. Heating shall be fixed at 220℃ for 50~80 seconds and at 245~260℃ peak (min. 10sec).
4. Time : 2 times.


유사한 부품 번호 - TA1473A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1473A GOLLEDGE-TA1473A Datasheet
202Kb / 5P
   SAW Filter 433. 0MHz
More results

유사한 설명 - TA1473A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA433K1 TAI-SAW-TA433K1 Datasheet
156Kb / 4P
   SAW Filter 433 MHz
TA0286B TAI-SAW-TA0286B Datasheet
653Kb / 6P
   SAW Filter 433 MHz
TA1914A TAI-SAW-TA1914A Datasheet
305Kb / 6P
   SAW Filter 433 MHz
logo
API Technologies Corp
SF0433BA02629S APITECH-SF0433BA02629S Datasheet
134Kb / 3P
   433 MHz SAW Filter 20 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0433BA02629S SPECTRUM-SF0433BA02629S Datasheet
134Kb / 3P
   433 MHz SAW Filter 20 MHz Bandwidth
logo
Golledge Electronics Lt...
MP04693 GOLLEDGE-MP04693 Datasheet
202Kb / 5P
   SAW Filter 433. 0MHz
logo
AUREL S.p.A.
650201131G AUREL-650201131G Datasheet
440Kb / 1P
   433 MHz ASK SAW - FR4 Substrate Trasmettitore 433 MHz ASK SAW su FR4
logo
Johanson Technology Inc...
0433AT62A0020 JOHANSON-0433AT62A0020 Datasheet
256Kb / 3P
   433 MHz Antenna
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com