전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4755G 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 1N4755G
상세설명  1W DO-41 Zener Volatge Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4755G 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4755G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4755G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4755G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4755G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4755G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
PACKING
5K / 14" Reel
3K / BOX (Ammo)
3K / BOX (Ammo)
PART NO.
1N4728G
1N4728G
Document Number: DS_S1406003
Version: E14
EXAMPLE
PREFERRED P/N
PACKING CODE
DO-41
DO-41
DO-41
G
G
Note 1: "xx" is Device Code from "28" through "58"
Note 2: Indicator of manufacturing site for manufacture special control, if empty means no special control requirement
MANUFACTURE
CODE
L0
1N47xxG
(Note1)
R0
A1
A0
G
(Note 2)
1N4728G ~ 1N4758G
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
MANUFACTURE
CODE
PACKAGE
GREEN COMPOUND
CODE
DESCRIPTION
1N4728G R0G
R0
G
Green compound
1N4728G-L0 R0G
Green compound
R0
G


유사한 부품 번호 - 1N4755G

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
1N4755G EIC-1N4755G Datasheet
34Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4755G TSC-1N4755G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
More results

유사한 설명 - 1N4755G

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A Datasheet
19Kb / 2P
   1W 5% DO-41 ZENER DIODE
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com