전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101AW 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 SD101AW
상세설명  SCHOTTKY BARRIER SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD101AW 데이터시트(HTML) 2 Page - Diodes Incorporated

  SD101AW_15 Datasheet HTML 1Page - Diodes Incorporated SD101AW_15 Datasheet HTML 2Page - Diodes Incorporated SD101AW_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD101AW - SD101CW
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 4)
SD101AW
SD101BW
SD101CW
V(BR)R
60
50
40
V
IR = 10μA
IR = 10μA
IR = 10μA
Forward Voltage Drop
SD101AW
SD101BW
SD101CW
SD101AW
SD101BW
SD101CW
VFM
0.41
0.40
0.39
1.00
0.95
0.90
V
IF = 1.0mA
IF = 1.0mA
IF = 1.0mA
IF = 15mA
IF = 15mA
IF = 15mA
Peak Reverse Current (Note 4)
SD101AW
SD101BW
SD101CW
IRM
200
nA
VR = 50V
VR = 40V
VR = 30V
Total Capacitance
SD101AW
SD101BW
SD101CW
CT
2.0
2.1
2.2
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
1.0
ns
IF = IR = 5.0mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Short duration pulse test used to minimize self-heating effect.
SD101AW - SD101CW
Document number: DS11012 Rev. 19 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated
0.01
0.1
1.0
10
00.5
1.0
A
B
C
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0.0001
0.1
1
10
020
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
10
30
50
0.001
0.01
0
1
2
010
2030
40
50
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs Reverse Voltage
R
T= 25 C
f = 1MHz
j
°
0
200
500
025
50
75
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Power Derating Curve
A
100
100
300
400
See Note 1


유사한 부품 번호 - SD101AW_15

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW_15 Datasheet
80Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.8, 25-Feb-13
More results

유사한 설명 - SD101AW_15

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
SD103AW TSC-SD103AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com