전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX584B10 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 BZX584B10
상세설명  2% Zener Voltage Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX584B10 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX584B10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PART NO.
PACKING
BZX584Bxxx
(Note1)
3K / 7" Reel
PART NO.
BZX584B4V7
BZX584B4V7
Document Number: DS_S1403006
RS
G
BZX584B4V7 ~ BZX584B20
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING CODE
GREEN
COMPOUND
PACKAGE
MANUFACTURE
CODE
(Note 2)
Note 2: Manufacture special control, if empty means no special control requirement.
RS
Note 1: "xxx" is Device Code from "4V7" through "20".
SOD-523F
G
Version: A14
EXAMPLE
PREFERRED P/N
PACKING CODE
MANUFACTURE
CODE
M0
GREEN COMPOUND
CODE
DESCRIPTION
BZX584B4V7 RSG
RS
G
Green compound
BZX584B4V7-M0 RSG
Green compound


유사한 부품 번호 - BZX584B10

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
BZX584B10 JIANGSU-BZX584B10 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Micro Commercial Compon...
BZX584B10 MCC-BZX584B10 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
logo
DAESAN ELECTRONIC CORP.
BZX584B10 DAESAN-BZX584B10 Datasheet
260Kb / 3P
   ZENER DIODE
logo
UN Semiconducctor INC
BZX584B10 UNSEMI-BZX584B10 Datasheet
2Mb / 6P
   SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
Zibo Seno Electronic En...
BZX584B10G ZSELEC-BZX584B10G Datasheet
145Kb / 3P
   100mW SURFACE MOUNT ZENER DIODE
More results

유사한 설명 - BZX584B10

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com