전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1654A 데이터시트(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1654A
상세설명  SAW Filter 1435MHz(BW 50MHz) SMD 3.0x3.0mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1654A 데이터시트(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1654A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1654A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1654A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1654A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1654A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1654A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1654A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
E.OUTLINE DRAWING:
F. PCB FootPrint
#B: Input
#E: Output
#A,C,D,F: Ground
:Year code (ex 20133)
: Date code
Unit: mm


유사한 부품 번호 - TA1654A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1654A GOLLEDGE-TA1654A Datasheet
180Kb / 6P
   SAW Filter: 1435.0MHz
More results

유사한 설명 - TA1654A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1667A TAI-SAW-TA1667A Datasheet
284Kb / 7P
   SAW Filter 1268MHz BW 20MHz SMD 3.0x3.0mm
TA1657A TAI-SAW-TA1657A Datasheet
251Kb / 7P
   SAW Filter 2332.5 MHz(BW 25MHz) SMD 3.0x3.0mm
TA2590A TAI-SAW-TA2590A Datasheet
478Kb / 8P
   840.8MHz 1.5MHz BW SMD 3.0X3.0mm RF SAW Filter
TA2497A TAI-SAW-TA2497A Datasheet
475Kb / 8P
   840.8MHz 1.3MHz BW SMD 3.0X3.0mm RF SAW Filter
TB1093A TAI-SAW-TB1093A Datasheet
141Kb / 7P
   SAW Filter 181MHz 50MHz BW (SMD 13.3횞6.5 mm)
TA1751A TAI-SAW-TA1751A Datasheet
315Kb / 7P
   SAW Filter 1760MHz (BW 50MHz) SMD 3.0x3.0 mm
TA1753A TAI-SAW-TA1753A Datasheet
294Kb / 7P
   SAW Filter 1855MHz (BW 50MHz) SMD 3.0x3.0 mm
TB1152A TAI-SAW-TB1152A Datasheet
171Kb / 7P
   SAW Filter 50MHz 15.5MHz BW (SMD 13.3횞6.5 mm)
TB1107A TAI-SAW-TB1107A Datasheet
136Kb / 7P
   SAW Filter 91.85MHz 50MHz BW (SMD 13.3횞6.5 mm)
TA2569A TAI-SAW-TA2569A Datasheet
692Kb / 7P
   SAW Filter 1905 MHz (BW 50MHz) SMD 1.1X0.9mm
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com