전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1667A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1667A
상세설명  SAW Filter 1268MHz BW 20MHz SMD 3.0x3.0mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1667A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1667A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1268MHz BW 20MHz SMD 3.0x3.0mm
MODEL NO.:TA1667A
REV. NO.:1.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -50°C to +95°C
E
lectrostatic Sensitive Device (ESD)
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = balanced 200 Ω // 30nH
Terminating load impedance :
ZL = balanced 200 Ω // 30nH
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc MHz
-
1268
-
-
Bandwidth at -3dB (1258~1278 MHz)
MHz
-
49
-
-
Insertion Loss (1258~1278 MHz)
IL
dB
-
2.7
4.0
-
Amplitude ripple
(1258~1278 MHz)
dB
-
0.5
2.0
-
Group delay ripple
(1258~1278 MHz)
GD
ns
-
8.5
15
I/O return loss
(1258~1278 MHz)
dB
8.0
10.0
-
-
Attenuation
10 ~ 970
MHz
dB
44
55
-
-
1420 ~ 2000
MHz
dB
44
53
-
-
2000 ~ 3000
MHz
dB
38
51
-
Package size
mm
SMD 3.0x3.0
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TA1667A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1667A GOLLEDGE-TA1667A Datasheet
283Kb / 6P
   SAW Filter 1268.0MHz
More results

유사한 설명 - TA1667A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1654A TAI-SAW-TA1654A Datasheet
222Kb / 7P
   SAW Filter 1435MHz(BW 50MHz) SMD 3.0x3.0mm
TA1657A TAI-SAW-TA1657A Datasheet
251Kb / 7P
   SAW Filter 2332.5 MHz(BW 25MHz) SMD 3.0x3.0mm
TA2590A TAI-SAW-TA2590A Datasheet
478Kb / 8P
   840.8MHz 1.5MHz BW SMD 3.0X3.0mm RF SAW Filter
TA2497A TAI-SAW-TA2497A Datasheet
475Kb / 8P
   840.8MHz 1.3MHz BW SMD 3.0X3.0mm RF SAW Filter
TA0740B TAI-SAW-TA0740B Datasheet
363Kb / 6P
   SAW Filter 800MHz 20MHz BW SMD 3.0횞3.0mm
TB0574A TAI-SAW-TB0574A Datasheet
386Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB1165A TAI-SAW-TB1165A Datasheet
152Kb / 7P
   SAW Filter 343.4MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB0788A TAI-SAW-TB0788A Datasheet
370Kb / 7P
   IF SAW Filter 256.36MHz(BW=20MHz) SMD 5X7mm
TB0754B TAI-SAW-TB0754B Datasheet
162Kb / 7P
   SAW Filter 104 MHz(BW=20MHz) SMD 13.3mmX6.5mm
TB1094A TAI-SAW-TB1094A Datasheet
155Kb / 8P
   SAW Filter 237.3MHz 20MHz BW (SMD 5.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com