전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ15 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 SMAJ15
상세설명  400W, 5V - 188V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ15 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMAJ15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMAJ15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMAJ15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CREAT BY ART
Test
Maximum
Current
Reverse
Leakage
IT
@ VWM
Min
Max
(mA)
ID (μA)
SMAJ30
CH
30
33.3
40.7
1
53.5
7.5
1
SMAJ30A
CK
30
33.3
36.8
1
48.4
8.3
1
SMAJ33
CL
33
36.7
44.9
1
59.0
6.8
1
SMAJ33A
CM
33
36.7
40.6
1
53.3
7.5
1
SMAJ36
CN
36
40.0
48.9
1
64.3
6.2
1
SMAJ36A
CP
36
40.0
44.2
1
58.1
6.9
1
SMAJ40
CQ
40
44.4
54.3
1
71.4
5.6
1
SMAJ40A
CR
40
44.4
49.1
1
64.5
6.2
1
SMAJ43
CS
43
47.8
58.4
1
76.7
5.2
1
SMAJ43A
CT
43
47.8
52.8
1
69.4
5.8
1
SMAJ45
CU
45
50.0
61.1
1
80.3
5.0
1
SMAJ45A
CV
45
50.0
55.3
1
72.7
5.5
1
SMAJ48
CW
48
53.3
65.1
1
85.5
4.7
1
SMAJ48A
CX
48
53.3
58.9
1
77.4
5.2
1
SMAJ51
CY
51
56.7
69.3
1
91.1
4.4
1
SMAJ51A
CZ
51
56.7
62.7
1
82.4
4.9
1
SMAJ54
RD
54
60.0
73.3
1
96.3
4.2
1
SMAJ54A
RE
54
60.0
66.3
1
87.1
4.6
1
SMAJ58
RF
58
64.4
78.7
1
103
3.9
1
SMAJ58A
RG
58
64.4
71.2
1
93.6
4.3
1
SMAJ60
RH
60
66.7
81.5
1
107
3.7
1
SMAJ60A
RK
60
66.7
73.7
1
96.8
4.1
1
SMAJ64
RL
64
71.1
86.9
1
114
3.5
1
SMAJ64A
RM
64
71.1
78.6
1
103
3.9
1
SMAJ70
RN
70
77.8
95.1
1
125
3.2
1
SMAJ70A
RP
70
77.8
86
1
113
3.5
1
SMAJ75
RQ
75
83.3
102
1
134
3.0
1
SMAJ75A
RR
75
83.3
92.1
1
121
3.3
1
SMAJ78
RS
78
86.7
106
1
139
2.9
1
SMAJ78A
RT
78
86.7
95.8
1
126
3.2
1
SMAJ85
RU
85
94.4
115
1
151
2.0
1
SMAJ85A
RV
85
94.4
104
1
137
2.2
1
SMAJ90
RW
90
100
122
1
160
1.9
1
SMAJ90A
RX
90
100
111
1
146
2.1
1
SMAJ100
RY
100
111
136
1
179
1.7
1
SMAJ100A
RZ
100
111
123
1
162
1.9
1
SMAJ110
SD
110
122
149
1
196
1.6
1
SMAJ110A
SE
110
122
135
1
177
1.7
1
SMAJ120
SF
120
133
163
1
214
1.4
1
SMAJ120A
SG
120
133
147
1
193
1.6
1
SMAJ130
SH
130
144
176
1
231
1.3
1
SMAJ130A
SK
130
144
159
1
209
1.5
1
SMAJ150
SL
150
167
204
1
266
1.1
1
SMAJ150A
SM
150
167
185
1
243
1.3
1
Document Number: DS_D1411078
Version: N15
SMAJ SERIES
Taiwan Semiconductor
Maximum
Clamping
Voltage at IPPM
Vc (V)
(Note5)
Maximum
Peak Pulse
Surge Current
IPPM
(A) (Note5)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
at IT
Working
Peak
Reverse
Voltage
VWM
(V)


유사한 부품 번호 - SMAJ15

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMAJ15 SOCAY-SMAJ15 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ15 JGD-SMAJ15 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
SMAJ15 FS-SMAJ15 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
RFE international
SMAJ15 RFE-SMAJ15 Datasheet
82Kb / 1P
   SURFACE MOUNT Transient Voltage Suppressor
logo
Vishay Siliconix
SMAJ15 VISHAY-SMAJ15 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
More results

유사한 설명 - SMAJ15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com