전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7461DP 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI7461DP
상세설명  P-Channel 60 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7461DP 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI7461DP_15 Datasheet HTML 1Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 2Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 3Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 4Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 5Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 6Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 7Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 8Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Si7461DP
www.vishay.com
Vishay Siliconix
S15-0015-Rev. I, 19-Jan-15
2
Document Number: 72567
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-1
-
-3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -60 V, VGS = 0 V
-
-
-1
μA
VDS = -60 V, VGS = 0 V, TJ = 70 °C
-
-
-10
On-State Drain Current a
ID(on)
VDS
≤ -5 V, VGS = -10 V
-40
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = -10 V, ID = -14.4 A
-
0.0115
0.0145
Ω
VGS = -4.5 V, ID = -12.6 A
-
0.0150
0.0190
Forward Transconductance a
gfs
VDS = -15 V, ID = -14.4 A
-
31
-
S
Diode Forward Voltage a
VSD
IS = -4.5 A, VGS = 0 V
-
-0.8
-1.2
V
Dynamic b
Total Gate Charge
Qg
VDS = -30 V, VGS = -10 V, ID = -14.4 A
-
121
190
nC
Gate-Source Charge
Qgs
-20
-
Gate-Drain Charge
Qgd
-32
-
Gate Resistance
Rg
-3
-
Ω
Turn-On Delay Time
td(on)
VDD = -30 V, RL = 30
Ω
ID
≅ -1 A, VGEN = -10 V, Rg = 6 Ω
-20
30
ns
Rise Time
tr
-20
30
Turn-Off Delay Time
td(off)
-
205
310
Fall Time
tf
-
90
135
Source-Drain Reverse Recovery Time
trr
IF = -4.5 A, dI/dt = 100 A/μs
-
45
70


유사한 부품 번호 - SI7461DP_15

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7461DP-T1-E3 VISHAY-SI7461DP-T1-E3 Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. C, 15-Mar-04
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
SI7461DP VISHAY-SI7461DP_V01 Datasheet
379Kb / 12P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7461DP_15

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com