전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2596 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS2596
상세설명  3A / 150KHz Buck Dc-Dc Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2596_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596_13 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596_13 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS2596
3A / 150KHz Buck Dc-Dc Converter
1/9
Version: E13
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
The TS2596 Series are step-down switching regulators with all required active functions. It is capable of driving
3A load with excellent line and load regulations. These devices are available in fixed output voltages of 3.3V, 5V,
and an adjustable output version.
The TS2596 series operates at a switching frequency of 150kHz thus allowing smaller sized filter components
than what would be needed with lower frequency switching regulators. It substantially not only reduces the area of
board size but also the size of heat sink, and in some cases no heat sink is required. The ±4% tolerance on output
voltage within specified input voltages and output load conditions is guaranteed. Also, the oscillator frequency
accuracy is within ±10%. External shutdown is included. Featuring 100µA (typical) standby current. The output
switch includes cycle-by-cycle current limiting, as well as thermal shutdown for full protection under fault
conditions.
Features
Output Voltage: 3.3V, 5V & Adjustable version
Adjustable Output Voltage Range 1.23V~38.5V
150KHz fixed switching frequency
Voltage Mode Non-synchronous PWM control
Thermal Shutdown and Current Limit Protection
ON/OFF Shutdown Control Input
High Efficiency
Short Circuit Protect (SCP)
Operating Voltage Can be up to 40V
Output Load Current 3A
Low Power Standby Mode
Built-in switching transistor on chip
Ordering Information
Part No.
Package
Packing
TS2596CZ5xx C0
TO-220-5L
50pcs / Tube
TS2596CM5xx RN
TO-263-5L
800pcs / 13” Reel
Note: Where xx denotes voltage option, available are
50= 5.0V
33= 3.3V
Leave blank for adjustable version
Application
Simple High-efficiency Step down Regulator
On-Card Switching Regulators
Positive to Negative Converter
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Maximum Supply Voltage
VCC
+45
V
Recommend Operating Supply Voltage
VOP
+4.5 to +40
V
SW, EN Pin Input Voltage
VSW, VEN
-0.3 to +40
V
Feedback Pin Voltage
VFB
-0.3 to +12
V
Power Dissipation
PD
Internally Limited
W
Output Voltage to Ground
VOUT
-1
V
Storage Temperature Range
TST
-65 to +150
oC
Operating Temperature Range
TOP
-40 to +125
oC
ESD Susceptibility (HBM)
2
kV
Pin Definition:
1. Input
2. SW Output
3. Ground
4. Feedback
5. Enable


유사한 부품 번호 - TS2596_13

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2596CM TSC-TS2596CM Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2596CM5 TSC-TS2596CM5 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CM505 TSC-TS2596CM505 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CM53.3 TSC-TS2596CM53.3 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CM533 TSC-TS2596CM533 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
More results

유사한 설명 - TS2596_13

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com