전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2937CM50RN 데이터시트(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

부품명 TS2937CM50RN
상세설명  500mA Ultra Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CM50RN 데이터시트(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2937CM50RN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937CM50RN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CM50RN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CM50RN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CM50RN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CM50RN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2937CM50RN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2937CM50RN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2937CM50RN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TS2937
500mA Ultra Low Dropout Voltage Regulator
5/10
Version: D13
Application Information (Continue)
Figure 1 – D
2PAK Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length
Figure 2 – DPAK Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length
Figure 3 – SOT-223 Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length


유사한 부품 번호 - TS2937CM50RN

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2937CM5 TSC-TS2937CM5 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CM5.0 TSC-TS2937CM5.0 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results

유사한 설명 - TS2937CM50RN

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com