전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13003HV 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TS13003HV
상세설명  High Voltage NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003HV 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS13003HV_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003HV_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003HV_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13003HV_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13003HV_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS13003HV_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS13003HV
High Voltage NPN Transistor
2/6
Version: E13
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC =1mA, IB =0
BVCBO
900
--
--
V
Collector-Emitter Breakdown Voltage
IC =10mA, IE =0
BVCEO
530
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA, IC =0
BVEBO
9
--
--
V
Collector Cutoff Current
VCB =800V, IE =0
ICBO
--
--
10
uA
Emitter Cutoff Current
VEB =10V, IC = 0
IEBO
--
--
0.5
uA
Collector-Emitter Saturation Voltage
IC=0.5A, IB=0.1A
IC=1A, IB=0.25A
IC=1.5A, IB=0.5A
VCE(SAT)1
VCE(SAT)2
VCE(SAT)3
--
--
--
0.3
0.5
0.9
0.5
1
2
V
Base-Emitter Saturation Voltage
IC=0.5A, IB=0.1A
IC=1A, IB=0.25A
VBE(SAT)1
VBE(SAT)2
--
--
--
--
1
1.2
V
DC Current Gain
VCE =10V, IC =10mA
VCE =10V, IC =400mA
VCE =10V, IC =1A
hFE
15
20
6
--
--
--
40
40
40
Dynamic Characteristics
Frequency
VCE =10V, IC =0.1A
fT
4
--
--
MHz
Output Capacitance
VCB =10V, f =0.1MHz
Cob
--
21
--
pF
Resistive Load Switching Time (Ratings)
Delay Time
VCC =125V, IC =1A,
IB1 = IB2 = 0.2A,
tp =25uS
Duty Cycle ≤1%
td
--
0.05
0.2
uS
Rise Time
tr
--
1.1
--
uS
Storage Time
tSTG
--
2
4
uS
Fall Time
tf
--
0.4
0.7
uS
Note: pulse test: pulse width ≤300uS, duty cycle ≤2%


유사한 부품 번호 - TS13003HV_13

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS13003HVCT TSC-TS13003HVCT Datasheet
279Kb / 5P
   High Voltage NPN Transistor
TS13003HVCTA3 TSC-TS13003HVCTA3 Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13003HVCTA3 TSC-TS13003HVCTA3 Datasheet
197Kb / 5P
   High Voltage NPN Transistor
TS13003HVCTA3G TSC-TS13003HVCTA3G Datasheet
197Kb / 5P
   High Voltage NPN Transistor
TS13003HVCTB0 TSC-TS13003HVCTB0 Datasheet
51Kb / 3P
   High Voltage NPN Transistor
More results

유사한 설명 - TS13003HV_13

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com