전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS12A 데이터시트(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

부품명 SS12A
상세설명  Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DACHANG [Rugao Dachang Electronics Co., Ltd]
홈페이지  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SS12A 데이터시트(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  SS12A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SS12A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12A ...... SS110A
表面安装肖特基二极管
反向电压
20 ---100 V
正向电流
1.0 A
SIYU R
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Surface Mount Schottky Barrier Rectifier
Reverse Voltage 20 to 100 V
Forward Current 1.0 A
SS12A
1.0
30
88
20
14
0.50
0.85
15
V
V
A
V
A
mA
/W
pF
单位
Unit
V
VR(RMS)
最大正向平均整流电流
最大峰值反向电压
最大反向有效值电压
-55 --- +150
VRRM
IFM
最大正向电压降
IF = 1.0A
VF
正向峰值浪涌电流 8.3mS单一正弦半波
IFSM
最大反向漏电流
IR
典型热阻
RθJA
Tj
典型结电容
VR = 4.0V f = 1.0MHz
Cj
Maximum repetitive peak reverse voltage
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum forward voltage
Peak forward surge current 8.3 ms single half sine-wave
Maximum reverse current
Typical thermal resistance
Type junction capacitance
符号
Symbols
VDC
20
SS14A
SS16A
SS110A
40
28
40
60
42
60
100
70
100
0.7
大昌电子
DACHANG ELECTRONICS
0.5
10
TA = 25℃
TA = 100℃
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
特征
Features
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
SMA
.114(2.90)
.098(2.50)
.062(1.60)
.055(1.20)
.181(4.60)
.157(4.00)
.012(0.305)
.006(0.152)
.208(5.28)
.118(4.80)
.060(1.52)
.030(0.76)
Unit:inch(mm)
.096(2.44)
.078(2.00)
.008(0.203)
.002(0.051)
-55 --- +150
TSTG
-55 --- +125
工作结温
Operating junction
存储温度
Storage temperature range


유사한 부품 번호 - SS12A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SS12A ETC2-SS12A Datasheet
38Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
Rugao Dachang Electroni...
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
logo
Jiangsu High diode Semi...
SS12A HDSEMI-SS12A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
logo
Shenzhen Luguang Electr...
SS12A LUGUANG-SS12A Datasheet
2Mb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS12A YANGJIE-SS12A Datasheet
202Kb / 2P
   Schottky Rectifier
More results

유사한 설명 - SS12A

제조업체부품명데이터시트상세설명
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com