전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC5-12-3SY 데이터시트(PDF) 3 Page - PANDUIT CORP.

부품명 FC5-12-3SY
상세설명  QuickNet MTP Fiber Optic Cassettes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANDUIT [PANDUIT CORP.]
홈페이지  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FC5-12-3SY 데이터시트(HTML) 3 Page - PANDUIT CORP.

  FC5-12-3SY Datasheet HTML 1Page - PANDUIT CORP. FC5-12-3SY Datasheet HTML 2Page - PANDUIT CORP. FC5-12-3SY Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Panduit:
FC9-12-10Y


유사한 부품 번호 - FC5-12-3SY

제조업체부품명데이터시트상세설명
logo
Beckhoff Automation Gmb...
FC5101 BECKHOFF-FC5101 Datasheet
160Kb / 2P
   Infrastructure, 1-channel fieldbus card, CANopen, master/slave, PCI, D-sub
FC5101-0000 BECKHOFF-FC5101-0000 Datasheet
160Kb / 2P
   Infrastructure, 1-channel fieldbus card, CANopen, master/slave, PCI, D-sub
FC5101-0002 BECKHOFF-FC5101-0002 Datasheet
160Kb / 2P
   Infrastructure, 1-channel fieldbus card, CANopen, master/slave, PCI, D-sub
FC5102 BECKHOFF-FC5102 Datasheet
157Kb / 2P
   Infrastructure, 2-channel fieldbus card, CANopen, master/slave, PCI, D-sub
FC5102-0000 BECKHOFF-FC5102-0000 Datasheet
157Kb / 2P
   Infrastructure, 2-channel fieldbus card, CANopen, master/slave, PCI, D-sub
More results

유사한 설명 - FC5-12-3SY

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
86181-0000 MOLEX-86181-0000 Datasheet
148Kb / 4P
   Fiber Optic MT and MTP / MPO Cable Assemblies
logo
PANDUIT CORP.
FCE1U PANDUIT-FCE1U Datasheet
92Kb / 2P
   Opticom짰 QuickNet Rack Mount Fiber Cassette Enclosures
F9E10-10M3Y PANDUIT-F9E10-10M3Y Datasheet
315Kb / 2P
   Opticom QuickNet Rack Mount Fiber Cassette Enclosures
logo
Molex Electronics Ltd.
88530-2003 MOLEX11-88530-2003 Datasheet
31Kb / 1P
   MTP/APC-to-MTP/APC, Singlemode, 9/125m, Simplex, 8 Fiber, Bare, Enhanced, Standard Fiber Optic Cable Assembly, 4.0m
logo
Tripp Lite. All Rights ...
N844-LOOP-12F TRIPPLITE-N844-LOOP-12F Datasheet
157Kb / 2P
   MTP / MPO Fiber Optic Loopback Tester (Multimode 50/125um, OM3) - Female
logo
Molex Electronics Ltd.
88530-2004 MOLEX11-88530-2004 Datasheet
31Kb / 1P
   MTP/APC-to-MTP/APC, Singlemode, 9/125m, Simplex, 8 Fiber, Bare, Enhanced,Standard Fiber Optic Cable Assembly, 5.0m
logo
Tripp Lite. All Rights ...
N482-04U TRIPPLITE-N482-04U Datasheet
166Kb / 2P
   Enclosure for 28 High-Density Fiber Cassettes, 4U
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Molex Electronics Ltd.
0885302003 MOLEX10-0885302003 Datasheet
102Kb / 2P
   MTP/APC-to-MTP/APC, Singlemode, 9/125關m, Simplex, 8 Fiber, Bare, Enhanced, Standard Fiber Optic Cable Assembly, 4.0m (13.12)
0885302004 MOLEX10-0885302004 Datasheet
82Kb / 2P
   MTP/APC-to-MTP/APC, Singlemode, 9/125關m, Simplex, 8 Fiber, Bare, Enhanced, Standard Fiber Optic Cable Assembly, 5.0m (16.40)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com