전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF2250 데이터시트(PDF) 4 Page - LOGIC Devices Incorporated

부품명 LF2250
상세설명  12 x 10-bit Matrix Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LODEV [LOGIC Devices Incorporated]
홈페이지  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2250 데이터시트(HTML) 4 Page - LOGIC Devices Incorporated

  LF2250 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2250 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2250 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2250 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2250 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2250 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2250 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2250 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2250 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DEVICES INCORPORATED
LF2250
12 x 10-bit Matrix Multiplier
Video Imaging Products
08/16/2000–LDS.2250-L
4
CWE1-0
COEFFICIENT SET
00
Hold All Registers
01
KA1, KB1, KC1
10
KA2, KB2, KC2
11
KA3, KB3, KC3
TABLE 4.
COEFF. REG. UPDATE
DETAILS OF OPERATION
3 x 3 Matrix Multiplier — Mode 00
In this mode, all three input ports (A,
B, C) and all three output ports (X, Y,
Z) are utilized to implement a 3 x 3
matrix multiplication (triple dot
product). Each rounded 12-bit output
is the sum of all three input words
multiplied by the appropriate coeffi-
cients (Table 5). The pipeline latency
for this mode is five clock cycles.
Therefore, the sum of products will
be output five clock cycles after the
input data has been latched. New
output data is subsequently available
every clock cycle thereafter.
9-Tap FIR Filter — Mode 01
This mode utilizes the 12-bit A and B
data input ports as well as the 16-bit
CASIN port. The input data should
be presented to the A and B ports
simultaneously. The resulting 9-
sample response, which is half-LSB
rounded to 16 bits, begins after five
clock cycles and ends after 13 clock
cycles (Table 5). The pipeline latency
from the input of an impulse response
to the center of the output response is
nine clock cycles. The latency from
the CASIN port to the CASOUT port
is four clock cycles. New output data
is available every clock cycle.
3 x 3-Pixel Convolver — Mode 10
When configured in this mode, line
delayed data is loaded through the A,
B, and C input ports. During each
cycle, a new rounded 16-bit output
(comprising of the summation of the
multiplications of the last nine data
inputs with their related coefficients)
becomes available (Table 5). The
CASIN term is also added to each
new output. The internal bus struc-
ture and pipeline delays allow new
input data to be added every cycle
while maintaining the structure of the
filtering operation. This addition of
new data every cycle produces the
effect of the convolution window
moving to the next pixel column.
4 x 2-Pixel Convolver — Mode 11
Using the A and B ports, input data is
loaded and multiplied by the on-
board coefficients. These products
are then summed with the CASIN
data and rounded to create the 16-bit
output. The cascade ports allow
multiple devices to be used together
for use with larger kernels. As with
Mode 10, each cycle results in a 16-bit
output created from the products and
summations performed.
TABLE 5.
LATENCY EQUATIONS
X(n+4)
= A(n)KA1(n)
+ B(n)KB1(n)
+
C(n)KC1(n)
Y(n+4)
= A(n)KA2(n)
+ B(n)KB2(n)
+
C(n)KC2(n)
Z(n+4)
= A(n)KA3(n)
+ B(n)KB3(n)
+
C(n)KC3(n)
9-Tap FIR Filter — Mode 01
CASOUT(n+12)
= A(n+8)KA3(n+8) + A(n+7)KA2(n+7) + A(n+6)KA1(n+6)
+ B(n+5)KB3(n+8) + B(n+4)KB2(n+7) + B(n+3)KB1(n+6)
+ B(n+2)KC3(n+8) + B(n+1)KC2(n+7) + B(n)KC1(n+6)
+ CASIN(n+9)
CASOUT(n+6)
= A(n+2)KA3(n+2) + A(n+1)KA2(n+1) + A(n)KA1(n)
+ B(n+2)KB3(n+2) + B(n+1)KB2(n+1) + B(n)KB1(n)
+ C(n+2)KC3(n+2) + C(n+1)KC2(n+1) + C(n)KC1(n)
+ CASIN(n+3)
CASOUT(n+7)
= A(n+3)KA3(n+3) + A(n+2)KA2(n+2) + A(n+1)KA1(n+1)
+ A(n)KC3(n+3)
+ B(n+3)KB3(n+3) + B(n+2)KB2(n+2)
+ B(n+1)KB1(n+1) + B(n)KC1(n+1)
+ CASIN(n+4)
3 x 3-Pixel Convolver — Mode 10
4 x 2-Pixel Convolver — Mode 11
3 x 3 Matrix Multiplier — Mode 00


유사한 부품 번호 - LF2250

제조업체부품명데이터시트상세설명
logo
MicroPower Direct, LLC
LF225RW MPD-LF225RW Datasheet
174Kb / 2P
   Miniature SMT, 2W Wide Input Range DC/DC Converters
LF225RW MPD-LF225RW Datasheet
268Kb / 2P
   LF200RW SERIES
More results

유사한 설명 - LF2250

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
LMU08 LODEV-LMU08 Datasheet
176Kb / 7P
   8 x 8-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com