전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1699A 데이터시트(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1699A
상세설명  SAW Filter 2140MHz 60MHz BW SMD 1.1X0.9 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1699A 데이터시트(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1699A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1699A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1699A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1699A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1699A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1699A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1699A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1699A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1699A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
Source Impedance: 50
Load Impedance: 100
Phase balance


유사한 부품 번호 - TA1699A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1699A GOLLEDGE-TA1699A Datasheet
254Kb / 9P
   SAW Filter 2140.0MHz
More results

유사한 설명 - TA1699A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1845A TAI-SAW-TA1845A Datasheet
553Kb / 9P
   SAW Filter 2140MHz 60MHz BW Band 4 Rx SMD 1.1x0.9 mm
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA1699B TAI-SAW-TA1699B Datasheet
477Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1699D TAI-SAW-TA1699D Datasheet
447Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1870A TAI-SAW-TA1870A Datasheet
609Kb / 10P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1x0.9 mm
TA1870D TAI-SAW-TA1870D Datasheet
428Kb / 9P
   SAW Filter 1960 MHz 60MHz BW Band 2 SMD 1.1x0.9 mm
TA1870DN TAI-SAW-TA1870DN Datasheet
333Kb / 8P
   SAW Filter 1960 MHz 60MHz BW Band 2 SMD 1.1x0.9 mm
TF0098A TAI-SAW-TF0098A Datasheet
383Kb / 12P
   SAW DPX 1950/2140MHz 60MHz BW Single type SMD 2.0횞1.6 mm
TA1818B TAI-SAW-TA1818B Datasheet
474Kb / 8P
   SAW Rx Filter 2140MHz LTE Band 1 SMD 1411 (60MHz BW)
TF0088A TAI-SAW-TF0088A Datasheet
324Kb / 13P
   Duplexer 1960/2140MHz 60MHz BW SMD 2.0횞1.6 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com