전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1728A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1728A
상세설명  SAW Filter 433.92 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1728A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1728A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1728A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1728A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1728A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1728A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1728A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1728A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 433.92 MHz
MODEL NO.: TA1728A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 20 dBm
2. DC voltage: 3 V
3. Operating Temperature: -40
C to 85C
4. Storage Temperature: -40
C to +85 C
B. CHARACTERISTICS:
Item
Unit
Min.
Typical
Max.
Center frequency
Fc MHz
-
433.92
-
Insertion loss
433.12 ~ 434.72 MHz
IL
dB
-
2.2
2.9
Amplitude ripple
433.12 ~ 434.72 MHz
dB
-
0.4
1.0
VSWR S11 S22
-
-
1.6
2.0
Attenuation (Reference level from 0 dB)
10.0 ~ 380.00 MHz
dB
58
61
-
380.00 ~ 423.42 MHz
dB
46
50
-
423.42 ~ 427.00 MHz
dB
4
16
-
443.42 ~ 453.42 MHz
dB
25
30
-
453.42 ~ 460.00 MHz
dB
35
40
460.00 ~ 700.00 MHz
dB
50
54
700.00 ~ 1000.00 MHz
dB
42
46
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note1. No matching network required for operation at 50Ω
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering
50
HP Network analyzer
50
SAW Filter
B
E
A,C,D,F


유사한 부품 번호 - TA1728A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1728A GOLLEDGE-TA1728A Datasheet
203Kb / 6P
   SAW Filter 433.920MHz
More results

유사한 설명 - TA1728A

제조업체부품명데이터시트상세설명
logo
EPCOS
B3732 EPCOS-B3732 Datasheet
79Kb / 9P
   SAW filter 433.92 MHz
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
   433.92 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5507 VANLONG-SF5507 Datasheet
130Kb / 2P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF3446E MURATA-RF3446E Datasheet
81Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1404C RFM-RF1404C Datasheet
127Kb / 3P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0944A TAI-SAW-TA0944A Datasheet
447Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
   433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
   433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
   433.92 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com