전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZTA42 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 DZTA42
상세설명  300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZTA42 데이터시트(HTML) 5 Page - Diodes Incorporated

  DZTA42_15 Datasheet HTML 1Page - Diodes Incorporated DZTA42_15 Datasheet HTML 2Page - Diodes Incorporated DZTA42_15 Datasheet HTML 3Page - Diodes Incorporated DZTA42_15 Datasheet HTML 4Page - Diodes Incorporated DZTA42_15 Datasheet HTML 5Page - Diodes Incorporated DZTA42_15 Datasheet HTML 6Page - Diodes Incorporated DZTA42_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DZTA42
Datasheet Number: DS30582 Rev. 6 - 2
5 of 7
www.diodes.com
January 2014
© Diodes Incorporated
DZTA42
0
0.1
0.2
0.3
0.4
0.5
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Figure 3 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 150 C
A
°
I/I = 10
CB
0
0.2
0.4
0.6
0.8
1
0.001
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Figure 4 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1
1.2
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Figure 5 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
I/I = 10
CB
0
20
40
60
80
100
120
0.01
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Figure 6 Typical Capacitance Characteristics
f = 1MHz
Cibo
Cobo
0
40
80
120
160
200
020
40
60
80
100
I , COLLECTOR CURRENT
C
Figure 7 Typical Gain-Bandwidth Product vs. Collector Current
V
= 20V
f = 100MHz
CE


유사한 부품 번호 - DZTA42_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42Q-13 DIODES-DZTA42Q-13 Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
More results

유사한 설명 - DZTA42_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT657 DIODES-FZT657_15 Datasheet
616Kb / 7P
   300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT223
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT857 DIODES-FZT857_15 Datasheet
576Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT857TA DIODES-FZT857TA Datasheet
322Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com