전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC647BDW1T1 데이터시트(PDF) 5 Page - Leshan Radio Company

부품명 BC647BDW1T1
상세설명  Dual General Purpose Transistors(NPN Duals)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC647BDW1T1 데이터시트(HTML) 5 Page - Leshan Radio Company

  BC647BDW1T1 Datasheet HTML 1Page - Leshan Radio Company BC647BDW1T1 Datasheet HTML 2Page - Leshan Radio Company BC647BDW1T1 Datasheet HTML 3Page - Leshan Radio Company BC647BDW1T1 Datasheet HTML 4Page - Leshan Radio Company BC647BDW1T1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
BC846b–5/5
BC846BDW1T1, BC847BDW1T1, BC847CDW1T1, BC848BDW1T1, BC848CDW1T1
SINGLE PULSE
t 1
Z
θJA (t) = r(t) R θJA
R
θJA = 328°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
1
T
J(pk) – T C = P (pk) R
θJC (t)
t 2
P (pk)
DUTY CYCLE, D = t 1 /t 2
D=0.5
0.2
0.1
0.05
0.02
0.01
t, TIME (ms)
Figure 11. Thermal Response
0
1.0
10
100
1.0K
10K
100K
1.0M
1.0
0.1
0.01
0.001
-200
-100
-50
-10
-5.0
-2.0
-1.0
-5.0
-10
-30
-45
-65
-100
V
CE , COLLECTOR–EMITTER VOLTAGE (V)
Figure 12. Active Region Safe Operating Area
The safe operating area curves indicate I C –V CE limits of
thetransistor that must be observed for reliable operation.
Collector load lines for specific circuits must fall below the
limits indicated by the applicable curve.
The data of Figure 12 is based upon T J(pk) = 150°C; T C or
T A is variable depending upon conditions. Pulse curves are
valid for duty cycles to 10% provided T J(pk) < 150°C. T J
(pk) may be calculated from the data in Figure 12. At high
case or ambient temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by the secondary breakdown.


유사한 부품 번호 - BC647BDW1T1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC640 MOTOROLA-BC640 Datasheet
116Kb / 4P
   High Current Transistors
logo
NXP Semiconductors
BC640 NXP-BC640 Datasheet
143Kb / 15P
   80 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
logo
List of Unclassifed Man...
BC640 ETC-BC640 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
ON Semiconductor
BC640 ONSEMI-BC640 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Micro Commercial Compon...
BC640 MCC-BC640 Datasheet
367Kb / 2P
   PNP Epitaxial Silicon Transistors
More results

유사한 설명 - BC647BDW1T1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Weitron Technology
BC846BDW WEITRON-BC846BDW Datasheet
201Kb / 6P
   General Purpose Transistor NPN Duals
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R_17 Datasheet
327Kb / 7P
   Dual General Purpose NPN Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com