전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK103 데이터시트(PDF) 1 Page - SamHop Microelectronics Corp.

부품명 STK103
상세설명  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STK103 데이터시트(HTML) 1 Page - SamHop Microelectronics Corp.

  STK103 Datasheet HTML 1Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 2Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 3Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 4Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 5Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 6Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S mHop Microelectronics C orp.
a
Symbol
VDS
VGS
IDM
W
A
PD
°C
1.25
-55 to 150
ID
Units
Parameter
100
2.0
11
V
V
±20
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
N-Channel Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed
b
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
www.samhop.com.tw
Jul,13,2011
1
Details are subject to change without notice.
TA=25°C
A
100
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
D
G
D
S
SOT-89
TA=70°C
A
1.6
TA=70°C
W
0.8
EAS
mJ
Single Pulse Avalanche Energy
d
20
STK103
Gre
rr
P
Pr
P
P o
rr
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
100V
2.0A
312 @ VGS=4.5V
210 @ VGS=10V
S
G
D
Suface Mount Package.
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Ver 1.1


유사한 부품 번호 - STK103

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK1030 ETC-STK1030 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
STK1030 ETC-STK1030 Datasheet
58Kb / 2P
   3OW min. AF Power Amplifier Output Stage (D.P.P.)
STK1035 ETC-STK1035 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
STK1039 ETC-STK1039 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
More results

유사한 설명 - STK103

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com