전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD701LT1 데이터시트(PDF) 2 Page - Leshan Radio Company

부품명 MMBD701LT1
상세설명  Silicon Hot-Carrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBD701LT1 데이터시트(HTML) 2 Page - Leshan Radio Company

  MMBD701LT1 Datasheet HTML 1Page - Leshan Radio Company MMBD701LT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
G18–2/2
MBD701
MMBD701LT1
2.0
1.6
1.2
0.8
0.4
0
0
5.0
10
15
20
25
30
35
40
45
50
500
400
300
200
100
0
0
10
20
30
40
506070
80
90
100
10
1.0
0.1
0.01
0.001
010
20
30
40
50
100
10
1.0
0.1
0
0.2
0.4
0.8
1.2
1.6
2.0
V R , REVERSE VOLTAGE (VOLTS)
Figure 1. Total Capacitance
I F , FORWARD CURRENT (mA)
Figure 2. Minority Carrier Lifetime
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Reverse Leakage
V F , FORWARD VOLTAGE (VOLTS)
Figure 4. Forward Voltage
f =1.0MHz
T A= –40°C
TA = 85°C
T A = 25°C
KRAKAUER METHOD
T A = 100°C
T A =75°C
T A =25°C
SINUSOIDAL
GENERATOR
BALLAST
NETWORK
(PADS)
SAMPLING
OSCILLOSCOPE
(50
Ω INPUT)
PADS
CAPACITIVE
CONDUCTION
FORWARD
CONDUCTION
STORAGE
CONDUCTION
DUT
I F(PEAK)
I R(PEAK)
Figure 5. Krakauer Method of Measuring Lifetime
TYPICAL ELECTRICAL CHARACTERISTICS


유사한 부품 번호 - MMBD701LT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBD701LT1 ONSEMI-MMBD701LT1 Datasheet
89Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MMBD701LT1 ONSEMI-MMBD701LT1 Datasheet
64Kb / 4P
   Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
October, 2006 ??Rev. 4
MMBD701LT1 ONSEMI-MMBD701LT1 Datasheet
128Kb / 4P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
MMBD701LT1G ONSEMI-MMBD701LT1G Datasheet
64Kb / 4P
   Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
October, 2006 ??Rev. 4
MMBD701LT1G ONSEMI-MMBD701LT1G Datasheet
128Kb / 4P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
More results

유사한 설명 - MMBD701LT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
   Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
   Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
   Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
   Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
MBD701 ONSEMI-MBD701_16 Datasheet
94Kb / 5P
   Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 7
logo
Leshan Radio Company
MMDL301T1 LRC-MMDL301T1 Datasheet
118Kb / 3P
   Silicon Hot-Carrier Diodes
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com