전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STU310DH 데이터시트(PDF) 4 Page - SamHop Microelectronics Corp.

부품명 STU310DH
상세설명  Dual E nhancementMode Field E ffect Transistor ( N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU310DH 데이터시트(HTML) 4 Page - SamHop Microelectronics Corp.

  STU310DH Datasheet HTML 1Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 2Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 3Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 4Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 5Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 6Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 7Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 8Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
F igure 2. Trans fer C haracteris tics
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
ID, Drain C urrent (A)
V GS , G ate-to-S ource Voltage (V )
4
42
35
28
21
14
7
0
20
12
8
4
0
1.5
1.4
1.3
1.2
1.1
1.0
0.0
0
25
50
75
Tj( C )
100
125
V GS =10V
ID=10A
T j, J unction T empera ture ( C )
F igure 1. Output C haracteris tics
V DS , Drain-to-S ource Voltage (V )
45
36
27
18
9
0
0
0.5
1
1.5
2
2.5
3
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
45
1
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =10A
N-Ch
0.9
1.3
-0.9
-1.3
VGS = 0V, Is =-6A
P-Ch
V
b
C
Notes
b.Guaranteed by design,not subject to production testing.
a.Pulse Test:Pulse Width 300 s,Duty Cycle 2%.
N-Channel
16
150
S T U310DH
VGS =10V
VGS =3V
VGS =3.5V
VGS =4V
VGS =4.5V
25 C
-55 C
Tj=125 C
0.0
0.7
1.4
2.1
2.8
3.5
4.2
918
27
36
V GS =10V
V GS =4.5V
V GS =4.5V
ID=8A


유사한 부품 번호 - STU310DH

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
More results

유사한 설명 - STU310DH

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8450 SAMHOP-STM8450 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STS2620 SAMHOP-STS2620 Datasheet
926Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com