전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STU612D 데이터시트(PDF) 5 Page - SamHop Microelectronics Corp.

부품명 STU612D
상세설명  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU612D 데이터시트(HTML) 5 Page - SamHop Microelectronics Corp.

  STU612D Datasheet HTML 1Page - SamHop Microelectronics Corp. STU612D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU612D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU612D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU612D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU612D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU612D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU612D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU612D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STU612D
www.samhop.com.tw
Mar,05,2009
5
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
120
90
0
2
4
6
8
10
0
ID=8.6A
60
30
180
150
125 C
25 C
75 C
20.0
10.0
1.0
0
0.3
0.6
0.9
1.2
1.5
5.0
1200
1000
800
600
400
200
0
C is s
C os s
C rs s
10
8
6
4
2
0
0
3
6
9
12
15
18
21
24
V DS =30V
ID=8.6A
10
1
0.1
0.1
100
1
10
100
R
DS
(O
N)
Li
m
it
V GS =10V
S ingle P uls e
T c=25 C
1m
s
10
0u
s
10
m
s
DC
Ver 1.0
0
5
10
15
20
25
30
125 C
25 C
75 C
1
10
100
60
100
10
1
300
6
V DS =30V ,ID=1A
V G S =10V
Tr
TD(off)
Tf
10
m
s
TD(on)


유사한 부품 번호 - STU612D

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STU610S VBSEMI-STU610S Datasheet
903Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - STU612D

제조업체부품명데이터시트상세설명
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com