전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UFT14040 데이터시트(PDF) 1 Page - GeneSiC Semiconductor, Inc.

부품명 UFT14040
상세설명  Silicon Super Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENESIC [GeneSiC Semiconductor, Inc.]
홈페이지  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

UFT14040 데이터시트(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  UFT14040 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. UFT14040 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. UFT14040 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 600 V
IF(AV) = 140 A
Features
• High Surge Capability
TO-249AB Package
• Types from 50 V to 600 V VRRM
• Non Isolated to plate
• Not ESD Sensitive
Parameter
Symbol
UFT14005 UFT14010 UFT14020 UFT14040
Unit
Repetitive peak reverse voltage
VRRM
50
100
200
400
V
RMS reverse voltage
VRMS
35
70
140
280
V
420
UFT14005 thru UFT14060
Maximum ratings, at Tj = 25 °C, unless otherwise specified
Conditions
Silicon Super Fast
Recovery Diode
UFT14060
600
DC blocking voltage
VDC
50
100
200
400
V
Operating temperature
Tj
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Parameter
Symbol
UFT14005 UFT14010 UFT14020 UFT14040
Unit
Average forward current (per
pkg)
IF(AV)
140
140
140
140
A
Peak forward surge current
(per leg)
IFSM
1300
1300
1300
1300
A
Maximum instantaneous forward
voltage (per leg)
1.0
1.0
1.0
1.3
25
25
25
25
μA
33
3
3
mA
Maximum reverse recovery time
(per leg)
Trr
75
75
75
85
ns
Thermal characteristics
Maximum thermal resistance,
junction - case (per leg)
R
ΘJC
0.60
0.60
0.60
0.60
°C/W
TC ≤ 125 °C
140
tp = 8.3 ms, half sine
1300
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
Tj = 125 °C
V
UFT14060
0.60
600
25
3
90
1.7
Tj = 25 °C
IF = 70 A, Tj = 25 °C
Conditions
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Maximum reverse current at
rated DC blocking voltage (per
leg)
IR
VF
-55 to 150
-55 to 150
www.genesicsemi.com/silicon-products/super-fast-recovery-rectifiers/
1


유사한 부품 번호 - UFT14040

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
UFT14040 MCC-UFT14040 Datasheet
130Kb / 3P
   140 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
More results

유사한 설명 - UFT14040

제조업체부품명데이터시트상세설명
logo
GeneSiC Semiconductor, ...
MURF40040 GENESIC-MURF40040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7005 GENESIC-MURH7005 Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF20040 GENESIC-MURF20040 Datasheet
353Kb / 3P
   Silicon Super Fast Recovery Diode
MURF30040 GENESIC-MURF30040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7040 GENESIC-MURH7040 Datasheet
351Kb / 3P
   Silicon Super Fast Recovery Diode
MURH10040 GENESIC-MURH10040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURT20005 GENESIC-MURT20005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURT30005 GENESIC-MURT30005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA20020 GENESIC-MURTA20020 Datasheet
425Kb / 3P
   Silicon Super Fast Recovery Diode
UFT10005 GENESIC-UFT10005 Datasheet
330Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA40060 GENESIC-MURTA40060 Datasheet
422Kb / 4P
   Silicon Super Fast Recovery Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com