전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

514-105-21 데이터시트(PDF) 1 Page - Marl International Limited

부품명 514-105-21
상세설명  Sealed to IP67
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARL [Marl International Limited]
홈페이지  http://www.leds.co.uk
Logo MARL - Marl International Limited

514-105-21 데이터시트(HTML) 1 Page - Marl International Limited

  514-105-21_15 Datasheet HTML 1Page - Marl International Limited 514-105-21_15 Datasheet HTML 2Page - Marl International Limited 514-105-21_15 Datasheet HTML 3Page - Marl International Limited 514-105-21_15 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
514 series
• Ø12.7mm mounting
• Robust bright nickel plated brass housing
• Raised profile styling with a colour diffused lens
• Sealed to IP67
• Suitable for high vibration applications
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
514-105-21
Red
12 Vdc
19
95
625
-40 - +85
-40 - +85
B
514-111-21
Yellow
12 Vdc
20
45
590
-40 - +85
-40 - +85
B
514-114-21
Green
12 Vdc
20
45
565
-40 - +85
-40 - +85
C
514-105-23
Red
28 Vdc
20
95
625
-40 - +85
-40 - +85
B
514-111-23
Yellow
28 Vdc
20
45
590
-40 - +85
-40 - +85
B
514-114-23
Green
28 Vdc
20
45
565
-40 - +85
-40 - +85
C
514-102-04
Red
1.9 Vdc
20
500
660
-40 - +85
-40 - +85
B
514-102-21
Red
12 Vdc
20
500
660
-40 - +85
-40 - +85
B
514-102-23
Red
28 Vdc
20
500
660
-40 - +85
-40 - +85
B
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 514 - version 2013-09-24-173345
page 1 of 4


유사한 부품 번호 - 514-105-21_15

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
514-105-21 MARL-514-105-21_13 Datasheet
373Kb / 4P
   Suitable for high vibration applications
514-105-21_1309 MARL-514-105-21_1309 Datasheet
373Kb / 4P
   industrial panel lamps
514-105-21_1309 MARL-514-105-21_1309 Datasheet
373Kb / 4P
   Robust bright nickel plated brass housing
More results

유사한 설명 - 514-105-21_15

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
511-501-2112 MARL-511-501-2112_15 Datasheet
432Kb / 5P
   Sealed to IP67
533-105-6307 MARL-533-105-6307_15 Datasheet
255Kb / 4P
   Sealed to IP67
603-301-04 MARL-603-301-04_15 Datasheet
464Kb / 4P
   Sealed to IP67
531-501-6312 MARL-531-501-6312_15 Datasheet
317Kb / 5P
   Sealed to IP67
logo
List of Unclassifed Man...
V4NT9UL ETC2-V4NT9UL Datasheet
125Kb / 4P
   sealed (IP67)
logo
Marl International Limi...
611-301-21_1309 MARL-611-301-21_1309 Datasheet
450Kb / 5P
   Black anodised aluminium housing, sealed to IP67
612-301-21_1309 MARL-612-301-21_1309 Datasheet
451Kb / 5P
   Black anodised aluminium housing, sealed to IP67
logo
Elektron Components Ltd...
BXS011 BULGIN-BXS011 Datasheet
104Kb / 1P
   BATTERY HOLDERS Front panel sealed to IP67
logo
Marl International Limi...
502-930-21_1312 MARL-502-930-21_1312 Datasheet
380Kb / 4P
   Nickel plated brass housing, Sealed to IP67
528-501-21_1312 MARL-528-501-21_1312 Datasheet
432Kb / 5P
   Robust stainless steel housing, sealed to IP67
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com