전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2221A 데이터시트(PDF) 2 Page - Central Semiconductor Corp

부품명 2N2221A
상세설명  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2221A 데이터시트(HTML) 2 Page - Central Semiconductor Corp

  2N2221A_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N2221A_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2221A
2N2222A
SILICON
NPN TRANSISTORS
TO-18 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
2N2221A
2N2222A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
fT
VCE=20V, IC=20mA, f=100MHz
250
-
300
-
MHz
Cob
VCB=10V, IE=0, f=100kHz
-
8.0
-
8.0
pF
Cib
VEB=0.5V, IC=0, f=100kHz
-
25
-
25
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
3.5
2.0
8.0
hie
VCE=10V, IC=10mA, f=1.0kHz
0.2
1.0
0.25
1.25
hre
VCE=10V, IC=1.0mA, f=1.0kHz
-
5.0
-
8.0
x10-4
hre
VCE=10V, IC=10mA, f=1.0kHz
-
2.5
-
4.0
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
30
150
50
300
hfe
VCE=10V, IC=10mA, f=1.0kHz
50
300
75
375
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
3.0
15
5.0
35
μS
hoe
VCE=10V, IC=10mA, f=1.0kHz
10
100
25
200
μS
rb’Cc
VCB=10V, IE=20mA, f=31.8MHz
-
150
-
150
ps
NF
VCE=10V, IC=100μA, RS=1.0kΩ, f=1.0kHz
-
-
-
4.0
dB
td
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
10
-
10
ns
tr
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
25
-
25
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
-
225
-
225
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
-
60
-
60
ns
www.centr a lsemi.com
R5 (5-December 2013)


유사한 부품 번호 - 2N2221A_15

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results

유사한 설명 - 2N2221A_15

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com