전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3791 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 2N3791
상세설명  SILICON PNP POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3791 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  2N3791 Datasheet HTML 1Page - Central Semiconductor Corp 2N3791 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3789
2N3791
2N3790
2N3792
SILICON
PNP POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3789, 2N3790,
2N3791, and 2N3792 are silicon PNP power transistors,
manufactured by the epitaxial planar process, designed
for medium speed switching and amplifier applications.
MARKING: FULL PART NUMBER
2N3789
2N3790
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N3791
2N3792
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
10
A
Continuous Base Current
IB
4.0
A
Power Dissipation
PD
150
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
1.17
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
2N3789
2N3790
2N3791
2N3792
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE=Rated VCEO, VEB=1.5V
-
1.0
-
1.0
mA
ICEV
VCE=Rated VCEO, VEB=1.5V, TC=150°C
-
5.0
-
5.0
mA
IEBO
VEB=7.0V
-
5.0
-
5.0
mA
BVCEO
IC=200mA
60
-
80
-
V
VCE(SAT) IC=4.0A, IB=400mA (2N3789, 2N3790)
-
1.0
-
1.0
V
VCE(SAT) IC=5.0A, IB=500mA (2N3791, 2N3792)
-
1.0
-
1.0
V
VBE(ON)
VCE=2.0V, IC=5.0A (2N3789, 2N3790)
-
2.0
-
2.0
V
VBE(ON)
VCE=2.0V, IC=5.0A (2N3791, 2N3792)
-
1.8
-
1.8
V
VBE(ON)
VCE=4.0V, IC=10A
-
4.0
-
4.0
V
hFE
VCE=2.0V, IC=1.0A (2N3789, 2N3790)
25
90
25
90
hFE
VCE=2.0V, IC=1.0A (2N3791, 2N3792)
50
180
50
180
hFE
VCE=2.0V, IC=3.0A (2N3789, 2N3790)
15
-
15
-
hFE
VCE=2.0V, IC=3.0A (2N3791, 2N3792)
30
-
30
-
fT
VCE=10V, IC=500mA, f=1.0MHz
4.0
-
4.0
-
MHz
TO-3 CASE
R2 (31-July 2013)
www.centr a lsemi.com


유사한 부품 번호 - 2N3791

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3791 BOCA-2N3791 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3791 MICROSEMI-2N3791 Datasheet
64Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3791 ETC-2N3791 Datasheet
347Kb / 8P
   Power Transistors
logo
Central Semiconductor C...
2N3791 CENTRAL-2N3791 Datasheet
123Kb / 2P
   PNP POWER TRANSISTORS JEDEC TO-3 CASE
logo
Inchange Semiconductor ...
2N3791 ISC-2N3791 Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
More results

유사한 설명 - 2N3791

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com