전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3810A 데이터시트(PDF) 2 Page - Central Semiconductor Corp

부품명 2N3810A
상세설명  SILICON DUAL PNP TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3810A 데이터시트(HTML) 2 Page - Central Semiconductor Corp

  2N3810A Datasheet HTML 1Page - Central Semiconductor Corp 2N3810A Datasheet HTML 2Page - Central Semiconductor Corp 2N3810A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3810
2N3810A
SILICON
DUAL PNP TRANSISTORS
TO-78 CASE - MECHANICAL OUTLINE
MARKING: FULL PART NUMBER
MATCHING CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE1/hFE2 (Note 1)
VCE=5.0V, IC=100μA (2N3810)
0.90
1.0
hFE1/hFE2 (Note 1)
VCE=5.0V, IC=100μA (2N3810A)
0.95
1.0
|VBE1-VBE2|
VCE=5.0V, IC=10μA to 10mA
5.0
mV
|VBE1-VBE2|
VCE=5.0V, IC=100μA (2N3810)
3.0
mV
|VBE1-VBE2|
VCE=5.0V, IC=100μA (2N3810A)
1.5
mV
Notes: (1) The lowest reading is taken as hFE1.
www.centr a lsemi.com
R1 (4-June 2013)


유사한 부품 번호 - 2N3810A

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
2N3810A CENTRAL-2N3810A Datasheet
52Kb / 1P
   Dual Transistors
logo
List of Unclassifed Man...
2N3810A ETC1-2N3810A Datasheet
141Kb / 1P
   SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Central Semiconductor C...
2N3810A CENTRAL-2N3810A Datasheet
113Kb / 2P
   DUAL PNP SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3810A NJSEMI-2N3810A Datasheet
251Kb / 2P
   PNP SILICON DIFFERENTIAL AMPLIFIERS
logo
Calogic, LLC
2N3810A CALOGIC-2N3810A Datasheet
314Kb / 2P
   Monolithic Dual Matched PNP General Purpose Amplifier
More results

유사한 설명 - 2N3810A

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
2N3811 CENTRAL-2N3811_15 Datasheet
435Kb / 2P
   SILICON DUAL PNP TRANSISTORS
logo
Seme LAB
2N3637DCSM SEME-LAB-2N3637DCSM Datasheet
41Kb / 2P
   DUAL PNP SILICON TRANSISTORS
logo
TT Electronics.
2N3810DCSM TTELEC-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Seme LAB
2N3810DCSM SEME-LAB-2N3810DCSM_09 Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Central Semiconductor C...
CMXT2907A CENTRAL-CMXT2907A_15 Datasheet
556Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A_10 Datasheet
581Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMKT2907A CENTRAL-CMKT2907A_10 Datasheet
499Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_10 Datasheet
556Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com