전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4231A 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 2N4231A
상세설명  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4231A 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  2N4231A Datasheet HTML 1Page - Central Semiconductor Corp 2N4231A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4231A 2N4232A 2N4233A
MAXIMUM RATINGS: (TC=25°C)
SYMBOL 2N6312
2N6313
2N6314
UNITS
Collector-Base Voltage
VCBO
40
60
80
V
Collector-Emitter Voltage
VCEO
40
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
5.0
A
Peak Collector Current
ICM
10
A
Continuous Base Current
IB
2.0
A
Power Dissipation
PD
75
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
2.32
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=Rated VCBO
50
μA
ICEO
VCE=30V (2N4231A, 2N6312)
1.0
mA
ICEO
VCE=50V (2N4232A, 2N6313)
1.0
mA
ICEO
VCE=70V (2N4233A, 2N6314)
1.0
mA
ICEV
VCE=Rated VCEO, VBE=1.5V
0.1
mA
ICEV
VCE=Rated VCEO, VBE=1.5V, TC=150°C
1.0
mA
IEBO
VEB=5.0V
0.5
mA
BVCEO
IC=100mA, (2N4231A, 2N6312)
40
V
BVCEO
IC=100mA, (2N4232A, 2N6313)
60
V
BVCEO
IC=100mA, (2N4233A, 2N6314)
80
V
VCE(SAT) IC=1.5A, IB=0.15A
0.7
V
VCE(SAT) IC=3.0A, IB=0.3A
2.0
V
VCE(SAT) IC=5.0A, IB=1.25A
4.0
V
VBE(ON)
VCE=2.0V, IC=1.5A
1.4
V
hFE
VCE=2.0V, IC=0.5A
40
hFE
VCE=2.0V, IC=1.5A
25
100
hFE
VCE=2.0V, IC=3.0A
10
hFE
VCE=4.0V, IC=5.0A
4.0
hfe
VCE=10V, IC=0.5A, f=1.0kHz
20
fT
VCE=10V, IC=0.5A, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=100kHz
300
pF
2N4231A 2N4232A 2N4233A
NPN
2N6312
2N6313
2N6314
PNP
COMPLEMENTARY
SILICON POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4231A, 2N6312
series devices are complementary silicon power
transistors, manufactured by the epitaxial base process,
designed for general purpose amplifier and switching
applications.
MARKING: FULL PART NUMBER
TO-66 CASE
R1 (2-September 2014)
www.centr a lsemi.com


유사한 부품 번호 - 2N4231A

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2N4231A MOSPEC-2N4231A Datasheet
189Kb / 4P
   POWER TRANSISTORS(5A,75W)
logo
Boca Semiconductor Corp...
2N4231A BOCA-2N4231A Datasheet
196Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Central Semiconductor C...
2N4231A CENTRAL-2N4231A Datasheet
51Kb / 1P
   Power Transistors
logo
Seme LAB
2N4231A SEME-LAB-2N4231A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
logo
New Jersey Semi-Conduct...
2N4231A NJSEMI-2N4231A Datasheet
95Kb / 2P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
More results

유사한 설명 - 2N4231A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com