전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC3506 데이터시트(PDF) 2 Page - Won-Top Electronics

부품명 TC3506
상세설명  35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

TC3506 데이터시트(HTML) 2 Page - Won-Top Electronics

  TC3506 Datasheet HTML 1Page - Won-Top Electronics TC3506 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
TC3500 – TC3506
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
TC3500
5/16” Tin Can Press-Fit
500 Units/Box
TC3501
5/16” Tin Can Press-Fit
500 Units/Box
TC3502
5/16” Tin Can Press-Fit
500 Units/Box
TC3503
5/16” Tin Can Press-Fit
500 Units/Box
TC3504
5/16” Tin Can Press-Fit
500 Units/Box
TC3505
5/16” Tin Can Press-Fit
500 Units/Box
TC3506
5/16” Tin Can Press-Fit
500 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, TC3500-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


유사한 부품 번호 - TC3506

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
TC3506 WTE-TC3506 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results

유사한 설명 - TC3506

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3520 WTE-TC3520 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500 Datasheet
23Kb / 2P
   35A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_14 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2520 WTE-TC2520 Datasheet
31Kb / 2P
   25A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
DD350 WTE-DD350 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
HD3500 WTE-HD3500 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
DD350 WTE-DD350_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
23Kb / 2P
   25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com