전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM-182PIN 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 AM-182PIN
상세설명  Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-182PIN 데이터시트(HTML) 1 Page - Tyco Electronics

  AM-182PIN Datasheet HTML 1Page - Tyco Electronics AM-182PIN Datasheet HTML 2Page - Tyco Electronics AM-182PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
28.5 dB Typical Gain
n
2.7 dB Typical Low Noise
Description
M/A-COM’s AM-182 is a high gain feedback amplifier
with high intercept and compression points. This amplifier
is packaged in a TO-8 package. Due to the internal power
dissipation the thermal rise should be minimized.
The
ground plane on the PC board should be configured to re-
move heat from under the package.
AM-182 is ideally
suited for use where a high intercept, high reliability
amplifier is required.
Cascadable Thin Film Amplifier,
28 dB Gain, 5 - 1000 MHz
TO-8-1
C-32
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
+13 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
V 3.00


유사한 부품 번호 - AM-182PIN

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM-182PIN MACOM-AM-182PIN Datasheet
259Kb / 3P
   Cascadable Thin Film Amplifier 28 dB Gain, 5 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-182PIN MA-COM-AM-182PIN Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
More results

유사한 설명 - AM-182PIN

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
AM-182 MA-COM-AM-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
logo
Tyco Electronics
AM-182 MACOM-AM-182 Datasheet
259Kb / 3P
   Cascadable Thin Film Amplifier 28 dB Gain, 5 - 1000 MHz
AM-AMC-176 MACOM-AM-AMC-176 Datasheet
222Kb / 3P
   Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-176 MA-COM-AM-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
logo
Tyco Electronics
AM-176 MACOM-AM-176 Datasheet
160Kb / 3P
   Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
   Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-183 MACOM-AM-183 Datasheet
154Kb / 3P
   Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
AM-183 MA-COM-AM-183 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier, 28.5 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
   Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com