전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM55-0004 데이터시트(PDF) 4 Page - Tyco Electronics

부품명 AM55-0004
상세설명  250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0004 데이터시트(HTML) 4 Page - Tyco Electronics

  AM55-0004 Datasheet HTML 1Page - Tyco Electronics AM55-0004 Datasheet HTML 2Page - Tyco Electronics AM55-0004 Datasheet HTML 3Page - Tyco Electronics AM55-0004 Datasheet HTML 4Page - Tyco Electronics AM55-0004 Datasheet HTML 5Page - Tyco Electronics AM55-0004 Datasheet HTML 6Page - Tyco Electronics AM55-0004 Datasheet HTML 7Page - Tyco Electronics AM55-0004 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
250 mW Linear Power Amplifier and T/R Switch
AM55-0004
Specifications Subject to Change Without Notice
V 2.00
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
4
Power Amplifier Temperature Performance1
LINEAR GAIN, V
DD1 = VDD2 = 4.8 V
FREQUENCY (GHz)
1.50
1.75
2.00
2.25
2.50
27
24
21
18
15
POWER OUTPUT @ 1.9 GHz, V
DD1 = VDD2 = 4.8 V
PIN (dBm)
-5
-3
-1
1
3
28
26
24
22
20
18
POWER ADDED EFFICIENCY (%) @ 1.9 GHz,
V
DD1 = VDD2 = 4.8 V
PIN (dBm)
-5
-3
-1
1
3
40
35
30
25
20
15
10
-15°C
+25°C
+70°C
-15°C
+25°C
-15°C
+25°C
+70°C
Power Amplifier Spurious Response at
Various Supply Voltages1
THIRD ORDER INTERMODULATION RATIO @ 1.9 GHz
(TONE SPACING 600 KHz)
FUNDAMENTAL P
OUT/TONE (dBm)
15
17
19
21
23
25
30
25
20
15
10
2ND HARMONIC RATIO @ 1.9 GHz
FUNDAMENTAL P
OUT (dBm)
10
13
16
19
22
25
60
50
40
30
20
3RD HARMONIC RATIO @ 1.9 GHz
FUNDAMENTAL P
OUT (dBm)
10
13
16
19
22
25
80
75
70
65
60
55
50
6.0 V
4.8 V
3.6 V
3.0 V
4.0 V
4.8 V
3.0 V
4.0 V
4.8 V
3.0 V
1. All data measured at T
A = +25°C and VG1, VG2 adjusted for first stage quiescent current of 30 mA and second stage current of 65 mA, respectively.
+70°C


유사한 부품 번호 - AM55-0004

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004RTR MA-COM-AM55-0004RTR Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004SMB MACOM-AM55-0004SMB Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results

유사한 설명 - AM55-0004

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com