전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM55-0004 데이터시트(PDF) 6 Page - Tyco Electronics

부품명 AM55-0004
상세설명  250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0004 데이터시트(HTML) 6 Page - Tyco Electronics

  AM55-0004 Datasheet HTML 1Page - Tyco Electronics AM55-0004 Datasheet HTML 2Page - Tyco Electronics AM55-0004 Datasheet HTML 3Page - Tyco Electronics AM55-0004 Datasheet HTML 4Page - Tyco Electronics AM55-0004 Datasheet HTML 5Page - Tyco Electronics AM55-0004 Datasheet HTML 6Page - Tyco Electronics AM55-0004 Datasheet HTML 7Page - Tyco Electronics AM55-0004 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
External Circuitry
Label
Value
Purpose
C1 - C5
1000 pF
Low frequency bypass
C6 - C8
68 pF
RF bypass
C9
1.5 pF
Output power tuning
C10
15 pF
Reduces low frequency gain
R1
2.7 k
Voltage divider to V
G2
R2
1.5 k
Voltage divider to V
G2
R3
150
Reduces low frequency gain
Tline
0.250 in. long
Power match
250 mW Linear Power Amplifier and T/R Switch
AM55-0004
Specifications Subject to Change Without Notice
V 2.00
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
6
Recommended PCB Configuration
Layout View
Cross-Section View
External Circuitry Parts List
All off-chip components are low-cost surface mount components obtainable from
multiple sources. (0.020 in. x 0.040 in. or 0.030 in. x 0.050 in.)
V
DD1
C8
C5
VSW
Tx IN
Rx OUT
ANT IN/OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C4
Save Tx
VSW
R2
R1
C1
C6
VDD2
V
G2
VG1
C9
PA OUT
C10
C2
PA IN
C3
C7
R3
TLine
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between
50-
Ω lines and package pins. M/A-COM recommends an
FR-4 dielectric thickness of 0.008 in. (0.2 mm), yielding a
50-
Ω line width of 0.015 in. (0.38 mm). The recommended
metalization thickness is 1 oz. copper.
Shaded traces are vias to DC routing layer and traces on DC
routing layer.
Biasing Procedure
The AM55-0004 requires that V
GG bias be applied prior to
any
V
DD bias. Permanent damage may occur if this
procedure is not followed. All FETs in the PA will draw
excessive current and damage internal circuitry.
RF Traces + Components
RF Ground
DC Routing
Customer Defined
C1
C6
C9
C2
C10
C7
R2
R1
R3
C3
C4
C5
C8
0.700 in.
0.490 in.
Pin 1


유사한 부품 번호 - AM55-0004

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004RTR MA-COM-AM55-0004RTR Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004SMB MACOM-AM55-0004SMB Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results

유사한 설명 - AM55-0004

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com