전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM55-0004TR 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 AM55-0004TR
상세설명  250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0004TR 데이터시트(HTML) 1 Page - Tyco Electronics

  AM55-0004TR Datasheet HTML 1Page - Tyco Electronics AM55-0004TR Datasheet HTML 2Page - Tyco Electronics AM55-0004TR Datasheet HTML 3Page - Tyco Electronics AM55-0004TR Datasheet HTML 4Page - Tyco Electronics AM55-0004TR Datasheet HTML 5Page - Tyco Electronics AM55-0004TR Datasheet HTML 6Page - Tyco Electronics AM55-0004TR Datasheet HTML 7Page - Tyco Electronics AM55-0004TR Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
.025
0,64
.057
±.003
1,45
±0,08
.0275
+.0025
-.0025
0,7
+0,06
-0,06
9,91 +0,09
-0,1
.3900
+.0037
-.0041
PIN 1
.236
±.008
5,99
±0,2
.004 (0,10)
.007
±.003
0,18
±0,08
.010
+.004
-.001
0,25 +0,1
-0,03
.1540
+.0034
-.0043
3,91
+0,09
-0,11
.015 (0,38) X 45
°
.028
+.022
-.013
0,71
+0,56
-0,33
0-8
°
.0080
+.0018
-.0005
+0,05
-0,01
0,2
Features
Operates Over Full PCN/PCS/PHS Bands
Operates Over +3 V to +5 V Supply Voltage
+24 dBm P
1dB Typical at PA Out
35% PAE @ P
1dB for Linear Operation
On-Chip T/R Switch, Linear Operation to +30 dBm
Low Cost SSOP-28 Plastic Package
Description
M/A-COM’s AM55-0004 power amplifier/switch integrates a
power amplifier and transmit/receive switch in a low cost
SSOP package. The power amplifier delivers +24 dBm of
linear power with high efficiency and can be operated at
supply voltages as low as 2.7 V. It is ideally suited for
QPSK or other linearly modulated systems in the 1.8 to 2.0
GHz frequency band.
The power amplifier/switch is fully monolithic and requires
only one output capacitor for power match. The T/R switch
achieves good insertion loss and isolation without degrading
the overall linearity.
The AM55-0004 is ideally suited for final stage power
amplification in linear TDD systems. The integrated switch is
convenient for duplexing. The AM55-0004 can also be used
as a driver stage for high power systems. Typical applications
include Japanese PHS systems or PCN/PCS transmit chains.
M/A-COM’s AM55-0004 is fabricated using a mature
0.5-micron gate length GaAs process. The process features
full passivation for increased performance and reliability.
Specifications Subject to Change Without Notice
V2.00
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
1
250 mW Linear Power Amplifier and T/R Switch
1.8 - 2.0 GHz
AM55-0004
SSOP-28
Preliminary Specifications
Parameter
Units
Min.
Typ.
Max.
Power Amplifier
Linear Gain
dB
22
24
Power Output @ P
1dB at PA OUT port
dBm
22.5
24
Current From Positive Supply @ P
1dB
mA
75
175
275
Input VSWR
2.0:1
T/R Switch
Insertion Loss
dB
0.6
1.0
Input Match
1.5:1
Isolation
dB
15
20
Typical Electrical Specifications
Test conditions: Frequency: 1.9 GHz, V
DD1 = VDD2 = 4.8 V ±10%, VG1 adjusted for 30 mA quiescent bias on VDD1,
V
G2 adjusted for 65 mA quiescent bias on VDD2, TA= +25°C
q
q
q
q
q
q
Part Number
Description
AM55-0004
SSOP 28-Lead Plastic Package
AM55-0004TR
Forward Tape & Reel
*
AM55-0004RTR
Reverse Tape & Reel
*
AM55-0004SMB
Designer’s Kit
Ordering Information
* If specific reel size is required, consult factory for part
number assignment.
Dimensions are inches over millimeters.


유사한 부품 번호 - AM55-0004TR

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM55-0004TR MACOM-AM55-0004TR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004TR MA-COM-AM55-0004TR Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
More results

유사한 설명 - AM55-0004TR

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com