전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM55-0004RTR 데이터시트(PDF) 5 Page - Tyco Electronics

부품명 AM55-0004RTR
상세설명  250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0004RTR 데이터시트(HTML) 5 Page - Tyco Electronics

  AM55-0004RTR Datasheet HTML 1Page - Tyco Electronics AM55-0004RTR Datasheet HTML 2Page - Tyco Electronics AM55-0004RTR Datasheet HTML 3Page - Tyco Electronics AM55-0004RTR Datasheet HTML 4Page - Tyco Electronics AM55-0004RTR Datasheet HTML 5Page - Tyco Electronics AM55-0004RTR Datasheet HTML 6Page - Tyco Electronics AM55-0004RTR Datasheet HTML 7Page - Tyco Electronics AM55-0004RTR Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
250 mW Linear Power Amplifier and T/R Switch
AM55-0004
Specifications Subject to Change Without Notice
V 2.00
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
5
Power Amplifier Spectral Response Under
Modulation Drive
(
π/4 DQPSK, = 0.5, 384 kB/sec, 9-bit PN code)
SPECTRAL RESPONSE UNDER MODULATION1
(V
D = 3.0 V, POUT = 20.5 dBm)
FREQUENCY (MHz)
1899.0
1899.4
1899.8
1900.2
1900.6
1901.0
0
-20
-40
-60
-80
Transmit/Receive Switch Performance
INSERTION LOSS
FREQUENCY (GHz)
1.50
1.75
2.00
2.25
2.50
0.0
-0.5
-1.0
-1.5
-2.0
SPECTRAL RESPONSE UNDER MODULATION1
(V
D = 4.8 V, POUT = 23.4 dBm)
FREQUENCY (MHz)
1899.0
1899.4
1899.8
1900.2
1900.6
1901.0
0
-10
-20
-30
-40
-50
-60
-70
ISOLATION (@ -15°C, +25°C and +70°C)
FREQUENCY (GHz)
1.50
1.75
2.00
2.25
2.50
-20
-25
-30
-35
-40
RETURN LOSS (@ -15°C, +25°C and +70°C)
FREQUENCY (GHz)
1.5 1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
0
-5
-10
-15
-20
-25
-30
-35
LINEARITY (Tx MODE)
POWER IN (dBm)
25
26
27
28
29
30
31
32
33
34
33
31
29
27
25
23
2.5
1.5
0.5
-0.5
-1.5
-2.5
V
D (volts)
P
OUT (dBm)
3
20.5
3.6
21.4
4
22.2
4.8
23.4
6
23.7
Output Power Under Modulation2
1. Spectral output is tested under the following conditions:
Modulation scheme is
π/4 DQPSK with a bit transfer rate
of 384 kB/sec and a root Nyquist filter with
= 0.5 per
RCR STD-28. The spectrum analyzer settings are as follows:
Resolution bandwidth: 10 kHz
Video bandwidth: 100 kHz
Sweep time: 5 seconds
2. This chart documents the modulated output power delivered
for a fixed adjacent channel interference (ACI) rejection of 55
dBc at a 600-kHz offset.
-15°C
+25°C
In
Out
+70°C


유사한 부품 번호 - AM55-0004RTR

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004RTR MA-COM-AM55-0004RTR Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
More results

유사한 설명 - AM55-0004RTR

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com