전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM55-0023 데이터시트(PDF) 3 Page - Tyco Electronics

부품명 AM55-0023
상세설명  Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0023 데이터시트(HTML) 3 Page - Tyco Electronics

  AM55-0023 Datasheet HTML 1Page - Tyco Electronics AM55-0023 Datasheet HTML 2Page - Tyco Electronics AM55-0023 Datasheet HTML 3Page - Tyco Electronics AM55-0023 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
3
Variable Voltage Gain Control Amplifier, 2.0 GHz
AM55-0023
Typical Performance Curves (Cont’d)
0
5
10
15
20
25
30
35
40
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
FREQUENCY (GHz)
Swept IMD (VDDB Pins at 5V)
0
5
10
15
20
25
30
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
FREQUENCY (GHz)
Swept IMD (VDDA Pins at 5V)
0
2
4
6
8
10
12
0.4
0.6
0.8
1.0
1.2
1.4
FRQUENCY (GHz)
Noise Figure
P1dB at 800 MHz (VDDA Pins 5V Supply)
0
2
4
6
8
10
12
14
16
18
20
-20
-18
-16
-14
-12
-10
-8
-6
PIN (dBm)
-6
-5
-4
-3
-2
-1
0
0
2
4
6
8
10
12
14
16
18
20
-25
-20
-15
-10
-5
PIN (dBm)
-5
-4
-3
-2
-1
0
P1dB at 900 MHz (VDDA Pins 5V Supply)
0
2
4
6
8
10
12
14
16
18
20
22
-25
-20
-15
-10
-5
0
PIN (dBm)
-5
-4
-3
-2
-1
0
P1dB at 800 MHz (VDDB Pins 5V Supply)
-35
-25
-15
-5
5
15
25
35
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (GHz)
Attenuation Range
P1dB at 900 MHz (VDDB Pins 5V Supply)
-5
0
5
10
15
20
25
-20
-15
-10
-5
0
PIN (dBm)
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0


유사한 부품 번호 - AM55-0023

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024 Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024 MACOM-AM55-0024 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
AM55-0024RTR MACOM-AM55-0024RTR Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR MACOM-AM55-0024TR Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR-3000 MACOM-AM55-0024TR-3000 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
More results

유사한 설명 - AM55-0023

제조업체부품명데이터시트상세설명
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8_01 Datasheet
108Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.8 - 2.0 GHz
logo
Tyco Electronics
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
   Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
HBH Microwave GmbH
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
   10.0 - 13.0 GHz Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com