전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM55-0004SMB 데이터시트(PDF) 7 Page - Tyco Electronics

부품명 AM55-0004SMB
상세설명  250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0004SMB 데이터시트(HTML) 7 Page - Tyco Electronics

  AM55-0004SMB Datasheet HTML 1Page - Tyco Electronics AM55-0004SMB Datasheet HTML 2Page - Tyco Electronics AM55-0004SMB Datasheet HTML 3Page - Tyco Electronics AM55-0004SMB Datasheet HTML 4Page - Tyco Electronics AM55-0004SMB Datasheet HTML 5Page - Tyco Electronics AM55-0004SMB Datasheet HTML 6Page - Tyco Electronics AM55-0004SMB Datasheet HTML 7Page - Tyco Electronics AM55-0004SMB Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
The AM55-0004SMB Designer's Kit allows for immediate evaluation of M/A-COM's AM55-0004 integrated Power Amplifier
and T/R Switch. The evaluation board consists of an AM55-0004, recommended external surface mount circuitry, RF
connectors and a DC multipin connector, all mounted to a multi-layer FR-4 PCB. Other items included in the Designer's Kit:
a floppy disk (with typical performance data and a .DXF file of the recommended PCB layout) and any additional
Application Notes. The AM55-0004SMB PA/Switch evaluation PCB and block diagram are illustrated below with all
functional ports labeled.
PCB DC
Function
Device Pin
PCB DC
Function
Device Pin
Connector
Number
Connector
Number
1
N/C
N/C
11
VSW
27
2V
DD1 (+ 4.8 V)
12
12
V
G1
18
3
SAVE Tx (0 V/-4 V)
13
13
VSW
27
4
GND
N/C
14
GND
N/C
5
SAVE Tx (0 V/-4 V)
13
15
V
G2
20
6V
G1
18
16
V
G1
18
7
VSW
2
17
N/C
N/C
8
GND
N/C
18
V
G2
20
9
VSW
2
19
N/C
N/C
10
V
G1
18
20
V
DD2 ( + 4.8 V)
26
PA OUT
PA IN
RX OUT
ANT IN/OUT
TX IN
VDD1
SAVE T
VSW
VSW VG2
VG1
VDD2
250 mW Linear Power Amplifier and T/R Switch
AM55-0004
Specifications Subject to Change Without Notice
V 2.00
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
7
Designer’s Kit (AM55-0004SMB)
P/A Switch Sample Board
Functional Block Diagram
Tx IN
ANT IN/OUT
Rx OUT
PA IN
PA OUT
DC Connector Pinout


유사한 부품 번호 - AM55-0004SMB

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM55-0004SMB MACOM-AM55-0004SMB Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004SMB MA-COM-AM55-0004SMB Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
More results

유사한 설명 - AM55-0004SMB

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com