전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM55-0027 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 AM55-0027
상세설명  UMTS Digital Gain Control Amplifier, 1.94 - 2.34 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0027 데이터시트(HTML) 1 Page - Tyco Electronics

  AM55-0027 Datasheet HTML 1Page - Tyco Electronics AM55-0027 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UMTS Digital Gain Control
Amplifier, 1.94 - 2.34 GHz
4mm FQFP-N Package Style
V 1E.00
Advanced
Features
n
Digitally Controlled Gain Block
n
Parallel Control Interface
n
4mm FQFP-N Package
n
Single Positive Supply Voltage
n
0.25 dB Steps of Attenuation
n
10 dB Atttenuation Range
Description
M/A-COM’s AM55-0027 is a digitally controlled Variable
Gain Amplifier.
Attenuation range is 10 dB with
Attenuation Steps of 0.25 dB.
Attenuation is controlled
digitally through a parallel interface.
Electrical Specifications: TA = 25°C, Z0 = 50
Ω, V
S = 5V
Parameter
Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
No Attenuation
1.94 - 2.34 GHz
dB
24
26
Attenuation Range
1.94 - 2.34 GHz
dB
10
10
Attenuation Step Size
1.94 - 2.34 GHz
dB
0.2
0.25
0.3
Amplitude Flatness
All attenuation states
1.94 - 2.34 GHz
2.09 - 2.19 GHz
dB
dB
± 0.3
± 0.1
Input Return Loss
1.94 - 2.34 GHz
dB
13
18
Output Return Loss
1.94 - 2.34 GHz
dB
10
14
Output P1 dB
0 dB attenuation
1.94 - 2.34 GHz
dBm
15
19
Output IP3
0 dB attenuation
1.94 - 2.34 GHz
dBm
30
31
Noise Figure
0 dB attenuation
1.94 - 2.34 GHz
dB
4.7
Noise Figure
10 dB attenuation
1.94 - 2.34 GHz
dB
9.0
Supply Current
mA
110
120
Block Diagram
8 dB
Gain
IN
10 dB
Range
in
0.25 dB
Steps
8 dB
Gain
9 dB
Gain
OUT
Parallel
Control
Interface


유사한 부품 번호 - AM55-0027

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM55-0023 MACOM-AM55-0023 Datasheet
230Kb / 4P
   Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
AM55-0023RTR MACOM-AM55-0023RTR Datasheet
230Kb / 4P
   Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
AM55-0023SMB MACOM-AM55-0023SMB Datasheet
230Kb / 4P
   Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
AM55-0023TR MACOM-AM55-0023TR Datasheet
230Kb / 4P
   Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
AM55-0024 MACOM-AM55-0024 Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
More results

유사한 설명 - AM55-0027

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
WJ Communication. Inc.
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
   PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111 Datasheet
601Kb / 7P
   PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112 Datasheet
277Kb / 4P
   PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112_06 Datasheet
341Kb / 5P
   PCS/UMTS-band Variable Gain Amplifier
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
   Digital Audio Amplifier Gain Control using Logarithmic
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com