전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD1LB500EFJ-C 데이터시트(PDF) 1 Page - Rohm

부품명 BD1LB500EFJ-C
상세설명  In-Vehicle 1ch Low Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD1LB500EFJ-C 데이터시트(HTML) 1 Page - Rohm

  BD1LB500EFJ-C Datasheet HTML 1Page - Rohm BD1LB500EFJ-C Datasheet HTML 2Page - Rohm BD1LB500EFJ-C Datasheet HTML 3Page - Rohm BD1LB500EFJ-C Datasheet HTML 4Page - Rohm BD1LB500EFJ-C Datasheet HTML 5Page - Rohm BD1LB500EFJ-C Datasheet HTML 6Page - Rohm BD1LB500EFJ-C Datasheet HTML 7Page - Rohm BD1LB500EFJ-C Datasheet HTML 8Page - Rohm BD1LB500EFJ-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Datasheet
Product configuration: Silicon monolithic integrated circuit ○The product is not designed for radiation resistance.
1/16
TSZ02201-0G3G0BD00040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.01 Rev.006
www.rohm.co.jp
TSZ22111・14・001
1ch Low Side Switch IC
In-Vehicle 1ch Low Side Switch
BD1LB500 Series
(BD1LB500EFJ-C
BD1LB500FVM-C)
Features
Built-in overcurrent limiting circuit
Built-in thermal shutdown circuit (TSD)
Built-in open load detection circuit (at output OFF)
Enables direct control from CMOS logic ICs, etc.
Low standby current
Built-in under voltage lock out circuit
Built-in diagnostic output (ST) terminal
Low ON resistance RDS(ON)=350mΩ(Typ) (VDD=IN=5V,
Ta=25°C, IOUT=0.25A)
Built-in overvoltage protection(active clamp) for output
circuit
Monolithic power IC in which the control unit (CMOS)
and power MOS FET are incorporated into one chip
1ch low side switch for driving mechanical relay coil
AEC-Q100 Qualified
(1)
(1) Grade1
Overview
BD1LB500 Series is an in-vehicle 1ch low side switch.
This switch builds in the overcurrent limiting circuit,
thermal shutdown circuit, open load detection circuit and
under voltage lock out circuit. It also provides the
diagnostic output circuit when an abnormality is
detected.
Application
In-vehicle application (Air conditioners, body devices,
meters, etc.)
Specifications
Operating voltage range
3.5V to 5.5V
ON resistance (25°C, Typ.)
350mΩ
Overcurrent limitation (Typ.)
1.50A
Active clamp energy (25°C)
25mJ
Package
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
MSOP8
2.90mm x 4.00mm x 0.90mm
Basic Application Circuit (Recommendation)
(2) When the open detection function is required, an external resistance must be added between DRAIN terminal and SOURCE terminal.
(3) It is necessary to detect unusual state(ST terminal is low) when VDD terminal is opened.
MSOP8
HTSOP-J8
8
1
2
3
4
7
6
5
Logic
Under voltage
lock out
Open load
detection
Overvoltage
protection
Over current
Limit
DRAIN
DRAIN
IN
SOURCE (GND)
SOURCE
(GND)
ST
10k
VDD
VDD
N.C.
0.1µF
(2)
Rext
RL
VBAT
(3)


유사한 부품 번호 - BD1LB500EFJ-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
More results

유사한 설명 - BD1LB500EFJ-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LC105FJ-C ROHM-BV1LC105FJ-C Datasheet
1Mb / 26P
   1ch/2ch Low Side Switch IC
BV1LA025EFJ-C ROHM-BV1LA025EFJ-C Datasheet
1Mb / 26P
   Automotive IPD 1ch Low Side Switch
19.Aug.2020 Rev.001
BV1LB045FPJ-C ROHM-BV1LB045FPJ-C Datasheet
1Mb / 24P
   Automotive IPD 1ch Low Side Switch
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com