전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2269G-M 데이터시트(PDF) 2 Page - Rohm

부품명 BD2269G-M
상세설명  AEC-Q100 Qualified
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2269G-M 데이터시트(HTML) 2 Page - Rohm

  BD2269G-M Datasheet HTML 1Page - Rohm BD2269G-M Datasheet HTML 2Page - Rohm BD2269G-M Datasheet HTML 3Page - Rohm BD2269G-M Datasheet HTML 4Page - Rohm BD2269G-M Datasheet HTML 5Page - Rohm BD2269G-M Datasheet HTML 6Page - Rohm BD2269G-M Datasheet HTML 7Page - Rohm BD2269G-M Datasheet HTML 8Page - Rohm BD2269G-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/23
BD2268G-M
BD2269G-M
Datasheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111
15
001
TSZ02201-0R5R0H300120-1-2
24.Feb.2014 Rev.001
Block Diagram
Pin Configurations
IN
GND
EN
1
2
3
4
5
/OC
OUT
IN
GND
/EN
1
2
3
4
5
/OC
OUT
Pin Description
Pin No.
Symbol
I/O
Function
1
IN
-
Switch input and the supply voltage for the IC
2
GND
-
Ground
3
EN, /EN
I
Enable input
EN: High level input turns on the switch. (BD2268G-M)
/EN: Low level input turns on the switch. (BD2269G-M)
4
/OC
O
Over-current detection terminal.
Low level output during over-current or over-temperature condition
Open-drain fault flag output
5
OUT
O
Switch output
BD2268G-M
TOP VIEW
Over-Current
Protection
Under-Voltage
Lockout
EN(/EN)
IN
/OC
GND
OUT
/EN
Delay
Counter
Charge
Pump
Thermal
Shutdown
BD2269G-M
TOP VIEW


유사한 부품 번호 - BD2269G-M

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BD226 ISC-BD226 Datasheet
109Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD226 NJSEMI-BD226 Datasheet
134Kb / 2P
   Silicon NPN Power Transistor
logo
Rohm
BD22621G-M ROHM-BD22621G-M Datasheet
1Mb / 26P
   0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD22621G-MTR ROHM-BD22621G-MTR Datasheet
1Mb / 26P
   0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD2262G-M ROHM-BD2262G-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results

유사한 설명 - BD2269G-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com