전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2269G-M 데이터시트(PDF) 8 Page - Rohm

부품명 BD2269G-M
상세설명  AEC-Q100 Qualified
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2269G-M 데이터시트(HTML) 8 Page - Rohm

Back Button BD2269G-M Datasheet HTML 4Page - Rohm BD2269G-M Datasheet HTML 5Page - Rohm BD2269G-M Datasheet HTML 6Page - Rohm BD2269G-M Datasheet HTML 7Page - Rohm BD2269G-M Datasheet HTML 8Page - Rohm BD2269G-M Datasheet HTML 9Page - Rohm BD2269G-M Datasheet HTML 10Page - Rohm BD2269G-M Datasheet HTML 11Page - Rohm BD2269G-M Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8/23
BD2268G-M
BD2269G-M
Datasheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111
15
001
TSZ02201-0R5R0H300120-1-2
24.Feb.2014 Rev.001
Typical Performance Curves - continued
Figure 12. Over-Current Threshold vs
Supply Voltage
0.9
1.0
1.1
1.2
1.3
1.4
1.5
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Figure 13. Over-Current Threshold vs
Ambient Temperature
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
AMBIENT TEMPERATURE : Ta[
℃]
VIN=5.0V
SUPPLY VOLTAGE : V IN[V]
/O
C
AMBIENT TEMPERATURE : Ta[
]
Supply Voltage: VIN [V]
Ambient Temperature: Ta [°C]
Figure 14. /OC Output Low Voltage vs
Supply Voltage
0
20
40
60
80
100
2
3
4
5
6
Ta=25°C
Supply Voltage: VIN [V]
Figure 15. /OC Output Low Voltage vs
Ambient Temperature
Ambient Temperature: Ta [°C]
0
20
40
60
80
100
-50
0
50
100
VIN=5.0V


유사한 부품 번호 - BD2269G-M

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BD226 ISC-BD226 Datasheet
109Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD226 NJSEMI-BD226 Datasheet
134Kb / 2P
   Silicon NPN Power Transistor
logo
Rohm
BD22621G-M ROHM-BD22621G-M Datasheet
1Mb / 26P
   0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD22621G-MTR ROHM-BD22621G-MTR Datasheet
1Mb / 26P
   0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD2262G-M ROHM-BD2262G-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results

유사한 설명 - BD2269G-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com