전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD14000EFV-C 데이터시트(PDF) 5 Page - Rohm

부품명 BD14000EFV-C
상세설명  AEC-Q100 qualified
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD14000EFV-C 데이터시트(HTML) 5 Page - Rohm

  BD14000EFV-C Datasheet HTML 1Page - Rohm BD14000EFV-C Datasheet HTML 2Page - Rohm BD14000EFV-C Datasheet HTML 3Page - Rohm BD14000EFV-C Datasheet HTML 4Page - Rohm BD14000EFV-C Datasheet HTML 5Page - Rohm BD14000EFV-C Datasheet HTML 6Page - Rohm BD14000EFV-C Datasheet HTML 7Page - Rohm BD14000EFV-C Datasheet HTML 8Page - Rohm BD14000EFV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Datasheet
5/18
TSZ02201-0Q3Q0JZ00270-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
22.Jun.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BD14000EFV-C
Electrical Characteristics (Unless otherwise specified VCC=15V Ta=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Circuit Current
VCC circuit current when ON
IVCC
40
80
µ
A
ENIN=H
During cell balance start
voltage non-detection
VCC circuit current when standby
ON
25
50
µ
A
ENIN=L
Cn(n=1~6) pin circuit current
when ON
IVCC
20
40
µ
A
ENIN=H,Vcn-Vcn-1=2.5V
During cell balance start
voltage non-detection
Cn(n=5,6) pin circuit current
when standby
ICN
OFF56
-
1
8
µ
A
ENIN=L, Vcn-Vcn-1=2.5V
Cn(n=1~4) pin circuit current
when standby
OFF
-
0
5
µ
A
ENIN=H,Vcn-Vcn-1=2.5V
Cell Voltage Detection
Cell Balance Start Detection
Voltage Range
VCB
2.4
3.1
V
Set by VSET0
2 pin
Cell Balance Start
Detection Accuracy1
VCB
ERR1
1
%
Cell Balance Start
Detection Accuracy2
VCB
ERR2
2
%
Ta=-40
105°C
Over- Voltage Detection 1
Detection Voltage1
VOVLO
1-1
VCB
+0.15
V
Set by VSET0
2 pin
and OVLOSEL=L
Over- Voltage Detection 1
Detection Voltage2
VOVLO
1-2
VCB
+0.25
V
Set by VSET0
2 pin
and OVLOSEL=H
Over- Voltage Detection 1
Detection Accuracy
VOVLO1
ERR
2
%
Ta=-40
105°C
Over- Voltage Detection 2
Detection Voltage1
VOVLO2
-1
VCB
+0.3
V
Set by VSET0
2 pin
and OVLOSEL=L
Over- Voltage Detection 2
Detection Voltage2
VOVLO2
-2
VCB
+0.5
V
Set by VSET0
2 pin
and OVLOSEL=H
Over- Voltage Detection 2
Detection Accuracy
VOVLO2
ERR
2
%
Ta=-40
105°C
Built-in Oscillator Frequency
fosc
20
40
80
kHz
VREG
Output Voltage
VREG
3.6
4.3
5.0
V
Io=10mA


유사한 부품 번호 - BD14000EFV-C

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BD140 MOTOROLA-BD140 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
List of Unclassifed Man...
BD140 ETC-BD140 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
ON Semiconductor
BD140 ONSEMI-BD140 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
logo
Fairchild Semiconductor
BD140 FAIRCHILD-BD140 Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
logo
NXP Semiconductors
BD140 PHILIPS-BD140 Datasheet
44Kb / 8P
   PNP power transistors
1999 Apr 12
More results

유사한 설명 - BD14000EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com