전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD35395FJ-M 데이터시트(PDF) 1 Page - Rohm

부품명 BD35395FJ-M
상세설명  Incorporates an enabler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD35395FJ-M 데이터시트(HTML) 1 Page - Rohm

  BD35395FJ-M Datasheet HTML 1Page - Rohm BD35395FJ-M Datasheet HTML 2Page - Rohm BD35395FJ-M Datasheet HTML 3Page - Rohm BD35395FJ-M Datasheet HTML 4Page - Rohm BD35395FJ-M Datasheet HTML 5Page - Rohm BD35395FJ-M Datasheet HTML 6Page - Rohm BD35395FJ-M Datasheet HTML 7Page - Rohm BD35395FJ-M Datasheet HTML 8Page - Rohm BD35395FJ-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/16
TSZ02201-0R6R0AN00610-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
5.Jun.2014 Rev.002
TSZ22111 • 14 • 001
www.rohm.com
Regulator IC Series for Automotive
Termination Regulator
for DDR-SDRAMs
BD35395FJ-M
General Description
BD35395FJ-M is a termination regulator compatible with
JEDEC DDR1/2/3/3L-SDRAM, which functions as a linear
power supply incorporating an N-channel MOSFET and
provides a sink/source current capability up to 1A
respectively.
A built-in high-speed OP-AMP specially
designed offers an excellent transient response.
Requires 3.3 volts or 5.0 volts as a bias power supply to
drive the N-channel MOSFET.
Has an independent
reference voltage input pin (VDDQ) and an independent
feedback pin (VTTS) to maintain the accuracy in voltage
required by JEDEC, and offers an excellent output voltage
accuracy and load regulation.
Features
Incorporates a push-pull power supply for
termination (VTT).
Incorporates an enabler.
Incorporates an under voltage lockout (UVLO).
Employs SOP-J8 package : 4.9×6.0×1.65(mm).
Incorporates a thermal shutdown protector (TSD).
Operates with input voltage from 2.7 to 5.5 volts.
Compatible with Dual Channel
(DDR1,DDR2,DDR3/DDR3L)
Incorporates PGOOD function.
Applications
 Power supply for DDR1/2/3/3L SDRAM
Key Specifications
Input Voltage Range:
2.7V to 5.5V
Termination Input Voltage:
1.0V to 5.5V
VDDQ Reference Voltage:
1.0V to 2.75V
Output Current:
-1.0~1.0A(Max)
Upper Side ON Resistance:
0.35
Ω(Typ)
Lower Side ON Resistance:
0.35
Ω(Typ)
Standby Current:
0.5mA (Typ)
Operating Temperature Range:
-40°C to +105°C
Package(s)
W(Typ) x D(Typ) x H(Max)
SOP-J8
4.90mm x 6.00mm x 1.65mm
SOP-J8


유사한 부품 번호 - BD35395FJ-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ-E2 ROHM-BD35390FJ-E2 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
More results

유사한 설명 - BD35395FJ-M

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
EE-SX4088 OMRON-EE-SX4088 Datasheet
216Kb / 4P
   Incorporates an IC chip with a built-in detector element and amplifier.
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
2Mb / 731P
   Incorporates the ARM7TDMI
logo
Murata Manufacturing Co...
LXMS31ACNA MURATA-LXMS31ACNA Datasheet
267Kb / 8P
   Murata MAGICSTRAP짰 is an innovative RFID module with a wide range of RF features. It incorporates an industry standard IC
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512_08 Datasheet
765Kb / 47P
   Incorporates the ARM7TDMI ARM Thumb짰 Processor
AT91SAM7A3 ATMEL-AT91SAM7A3_06 Datasheet
463Kb / 39P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7SE512 ATMEL-AT91SAM7SE512_08 Datasheet
1Mb / 47P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7X512 ATMEL-AT91SAM7X512_07 Datasheet
1Mb / 45P
   Incorporates the ARM7TDMI ARM Thumb Processor
logo
Microchip Technology
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
logo
ATMEL Corporation
AT91SAM9G10 ATMEL-AT91SAM9G10_14 Datasheet
717Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com