전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU26156RFS 데이터시트(PDF) 11 Page - Rohm

부품명 BU26156RFS
상세설명  Monoraul MIC Input with ALC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU26156RFS 데이터시트(HTML) 11 Page - Rohm

Back Button BU26156RFS Datasheet HTML 7Page - Rohm BU26156RFS Datasheet HTML 8Page - Rohm BU26156RFS Datasheet HTML 9Page - Rohm BU26156RFS Datasheet HTML 10Page - Rohm BU26156RFS Datasheet HTML 11Page - Rohm BU26156RFS Datasheet HTML 12Page - Rohm BU26156RFS Datasheet HTML 13Page - Rohm BU26156RFS Datasheet HTML 14Page - Rohm BU26156RFS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
Datasheet
Datasheet
11/92
BU26156RFS
TSZ02201-0V1V0E502570-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
Jul.1.2014 Rev.001
www.rohm.co.jp
TSZ22111・15・001
Reset
(DGND =0V, IOVDD=3.3V, HVDD1=3.3V, Ta=25°C)
Parameter
Symbol
Min
Max.
Unit
RESETB pulse width
tW_RST
5
-
µs
RESETB
tW_RST
Figure 7.
When Reset pin is made Low level, internal LDO is power down mode.
It is necessary for 1ms until REGOUT pin becomes Low level. The recommendation of tW_RST is 1ms over.
2 wire serial interface
(DGND =0V, IOVDD=3.3V, HVDD1=3.3V, Ta=25°C, CL=30pF)
Parameter
Symbol
Standard Mode
Fast Mode
Unit
Min
Max.
Min
Max.
SCL Frequency
fSCL
-
100
-
400
kHz
SCL “L” Length
tLOW
4.7
-
1.3
-
µs
SCL “H” Length
tHIGH
4.0
-
0.6
-
µs
Hold time under Repeat [Start] Condition
tHD:STA
4.0
-
0.6
-
µs
Setup Time under Repeat[Start] Condition
tSU:STA
4.0
-
0.6
-
µs
Data Hold Time
tHD:DAT
0
3.45
0
0.9
µs
Data Setup Time
tSU:DAT
250
-
100
-
ns
Setup Time under [Stop] Condition
tSU:STO
4.0
-
0.6
-
µs
Figure 8.
SDA
tHD:DAT
tLOW
tHIGH
tSU:DAT
tSU:STO
tSU:STA
SCL
tHD:STA


유사한 부품 번호 - BU26156RFS

제조업체부품명데이터시트상세설명
logo
Rohm
BU2615 ROHM-BU2615 Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 89P
   High PSRR is attained by built-in regulator
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV-E2 ROHM-BU26154MUV-E2 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
More results

유사한 설명 - BU26156RFS

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com