전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU18UC3WG-TL 데이터시트(PDF) 4 Page - Rohm

부품명 BU18UC3WG-TL
상세설명  High accuracy detection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU18UC3WG-TL 데이터시트(HTML) 4 Page - Rohm

  BU18UC3WG-TL Datasheet HTML 1Page - Rohm BU18UC3WG-TL Datasheet HTML 2Page - Rohm BU18UC3WG-TL Datasheet HTML 3Page - Rohm BU18UC3WG-TL Datasheet HTML 4Page - Rohm BU18UC3WG-TL Datasheet HTML 5Page - Rohm BU18UC3WG-TL Datasheet HTML 6Page - Rohm BU18UC3WG-TL Datasheet HTML 7Page - Rohm BU18UC3WG-TL Datasheet HTML 8Page - Rohm BU18UC3WG-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TSZ02201-0RBR0A300110-1-2
4/23
29.Jan.2015 Rev.005
BUxxUC3WG series
Datasheet
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Electrical Characteristics
(Ta=25℃, VIN=VOUT+1.0V (*3), STBY=VIN, Cin=1.0μF, Co=1.0μF, unless otherwise noted.)
This product is not designed for protection against radioactive rays.
(*3) VIN=2.5V for VOUT≦1.5V
(*4) VIN=2.5V to 3.6V for VOUT≦1.5V
●Block Diagrams
PARAMETER
Symbol
Limit
Unit
Conditions
MIN.
TYP.
MAX.
Overall Device
Output Voltage
VOUT
VOUT×0.99
VOUT
VOUT×1.01
V
IOUT=10μA,VOUT≧2.5V
VOUT-25mV
VOUT+25mV
IOUT=10μA,VOUT<2.5V
Operating Current
IIN
-
50
90
μ
A
IOUT=0mA
Operating Current (STBY)
ISTBY
-
-
1.0
μ
A
STBY=0V
Ripple Rejection Ratio
RR
45
70
-
dB
VRR=-20dBv,fRR=1kHz,IOUT=10mA,
VIN=3.6V
Dropout Voltage
VSAT
-
470
700
mV
1.0V≦VOUT<1.2V(IOUT=300mA)
-
350
500
mV
1.2V≦VOUT<1.5V(IOUT=300mA)
-
280
380
mV
1.5V≦VOUT<1.7V(IOUT=300mA)
-
250
320
mV
1.7V≦VOUT<2.1V(IOUT=300mA)
-
220
260
mV
2.1V≦VOUT<2.5V(IOUT=300mA)
-
200
220
mV
2.5V≦VOUT(IOUT=300mA)
Line Regulation
VDL
-
2
20
mV
VIN=VOUT+1.0V to 5.5V(*4), IOUT=10μA
Load Regulation
VDLO
-
25
45
mV
IOUT=0.01mA to 300mA
Over-current Protection (OCP)
Limit Current
ILMAX
370
550
-
mA
Vo=VOUT*0.95
Short Current
ISHORT
50
150
300
mA
Vo=0V
Standby Block
Discharge Resistor
RDSC
20
50
80
Ω
VIN=5.5V, STBY=0V, VOUT=2.6V
STBY Pin Pull-down Current
ISTB
0.1
0.9
8.0
μ
A
STBY=1.5V
STBY Control Voltage
ON
VSTBH
1.2
-
5.5
V
OFF
VSTBL
-0.3
-
0.3
V
Cin・・・1.0μF (Ceramic)
Co ・・・1.0μF (Ceramic)
1
3
5
2
Cin
VIN
GND
STBY
STBY
VOUT
VOUT
Co
VREF
OCP
STBY
Discharge
TSD
VIN
Figure 2. Block Diagrams


유사한 부품 번호 - BU18UC3WG-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU18UA3WNVX-TL ROHM-BU18UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18UB3WG-GTL ROHM-BU18UB3WG-GTL Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18UB3WG-GTR ROHM-BU18UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
More results

유사한 설명 - BU18UC3WG-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7_15 Datasheet
987Kb / 5P
   Exclusive for headlight angle detection with high accuracy and space-saving design
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com